Electronic Components Datasheet Search
  English  ▼

X  

PXA270 Datasheet(PDF) 54 Page - Intel Corporation

Part # PXA270
Description  Electrical, Mechanical, and Thermal Specification
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PXA270 Datasheet(HTML) 54 Page - Intel Corporation

Back Button PXA270 Datasheet HTML 50Page - Intel Corporation PXA270 Datasheet HTML 51Page - Intel Corporation PXA270 Datasheet HTML 52Page - Intel Corporation PXA270 Datasheet HTML 53Page - Intel Corporation PXA270 Datasheet HTML 54Page - Intel Corporation PXA270 Datasheet HTML 55Page - Intel Corporation PXA270 Datasheet HTML 56Page - Intel Corporation PXA270 Datasheet HTML 57Page - Intel Corporation PXA270 Datasheet HTML 58Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 126 page
background image
5-4
Electrical, Mechanical, and Thermal Specification
Intel® PXA270 Processor
Electrical Specifications
Table 5-3. Memory Voltage and Frequency Electrical Specifications
Table 5-4 shows the supported core frequency and core supply voltage operating ranges for the
PXA270 processor. Each frequency range is specified in the following format:
(core frequency/internal system bus frequency/memory controller frequency/SDRAM frequency)
Note: Refer to the “Clocks and Power” section of the Intel® PXA27x Processor Family Developers
Manual for supported frequencies, clock register settings as listed in Table 5-4.
Symbol
Description
Min
Typical
Max
Units
Memory Voltage and Frequency Range 1
VMEM1
Voltage applied on VCC_MEM
1.71
1.80
2.16
V
fSM1A
External synchronous memory frequency,
SDCLK1, SDCLK2
13
—
104
MHz
fSM1B
External synchronous memory frequency,
SDCLK0
13
—
104
MHz
Tsysramp
Ramp Rate
—
10
12
mV/uS
Memory Voltage and Frequency Range 2
VMEM2
Voltage applied on VCC_MEM
2.25
2.50
2.75
V
fSM2A
External synchronous memory frequency,
SDCLK1, SDCLK2
13
—
104
MHz
fSM2B
External synchronous memory frequency,
SDCLK0
13
—
104
MHz
Tsysramp
Ramp Rate
—
10
12
mV/uS
Memory Voltage and Frequency Range 3
VMEM3
Voltage applied on VCC_MEM
2.70
3.0
3.3
V
fSM3A
External synchronous memory frequency,
SDCLK1, SDCLK2
13
—
104
MHz
fSM3B
External synchronous memory frequency,
SDCLK0
13
—
104
MHz
Tsysramp
Ramp Rate
—
10
12
mV/uS
Memory Voltage and Frequency Range 4
VMEM4
Voltage applied on VCC_MEM
2.97
3.30
3.63
V
fSM4A
External synchronous memory frequency,
SDCLK1, SDCLK2
13
—
104
MHz
fSM4B
External synchronous memory frequency,
SDCLK0
13
—
104
MHz
Tsysramp
Ramp Rate
—
10
12
mV/uS
Table 5-4. Core Voltage and Frequency Electrical Specifications (Sheet 1 of 2)
Symbol
Description
Min
Typical
Max
Units
Core Voltage and Frequency Range 1 (13/13/13/13)
VVCCC1
Voltage applied on VCC_CORE
0.8075
0.85
1.705
V
fCORE1
Core operating frequency
13
—
13
MHz
Tpwrramp
Ramp Rate
—
10
12
mV/uS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com