Electronic Components Datasheet Search
  English  ▼

X  

PXA270 Datasheet(PDF) 73 Page - Intel Corporation

Part # PXA270
Description  Electrical, Mechanical, and Thermal Specification
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PXA270 Datasheet(HTML) 73 Page - Intel Corporation

Back Button PXA270 Datasheet HTML 69Page - Intel Corporation PXA270 Datasheet HTML 70Page - Intel Corporation PXA270 Datasheet HTML 71Page - Intel Corporation PXA270 Datasheet HTML 72Page - Intel Corporation PXA270 Datasheet HTML 73Page - Intel Corporation PXA270 Datasheet HTML 74Page - Intel Corporation PXA270 Datasheet HTML 75Page - Intel Corporation PXA270 Datasheet HTML 76Page - Intel Corporation PXA270 Datasheet HTML 77Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 126 page
background image
Electrical, Mechanical, and Thermal Specification
6-9
Intel® PXA270 Processor
AC Timing Specifications
6.2.6.1
GPIO states in Deep-Sleep mode
If the external high voltage power domains (VCC_IO, VCC_MEM, VCC_BB, VCC_LCD,
VCC_USB, VCC_USIM) remain powered on during deep-sleep, the PGSR values are driven onto
all the GPIO pins (that are configured as outputs) for a finite time period, then the pins default to
the reset state (Pu/Pd) as described in Chapter 2 of this manual. This sequence occurs for either
software initiated or fault initiated deep-sleep entry.
Note: GPIOs<0,1,3,4,9,10> never float. They are powered from VCC_BATT so when the system and the
core power domains are removed (controlled by SYS_EN and PWR_EN), the Pu/Pd resistors are
still enabled due to VCC_BATT remaining on.
The delay between the initiation of deep-sleep mode and enabling the GPIO Pu/Pd states, is system
dependant because the processor is performing an unpredictable workload and requires an
unknown amount of time to complete current processes. Refer to the deep-sleep mode, “Clocks and
Power” section of the Intel® PXA27x Processor Family Developers Manual for a description on
deep-sleep mode entry sequence.
Table 6-8 shows the time period that the GPIO pull-up/pull-downs are enabled. Listed below are
the regulators and converter naming conventions:
L1 = Sleep/Deep-Sleep Linear Regulator
L2 = High-Current Linear Regulator
DC2DC = Sleep/Deep-Sleep DC-DC Converter
Note: If the external high voltage power domains (VCC_IO, VCC_MEM, VCC_BB, VCC_LCD,
VCC_USB, VCC_USIM) are powered off during deep-sleep mode, the GPIOs behave the same as
described above; however, they float after the supplies are removed.
Table 6-8. GPIO Pu/Pd Timing Specifications for Deep-Sleep Mode
Description
L2
L1
DC2DC
Units
Duration of the GPIO Pu/Pd states being
enabled and the de-assertion of
PWR_EN
0.1
0.13
1.13
msec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com