Electronic Components Datasheet Search
  English  ▼

X  

PXA270 Datasheet(PDF) 55 Page - Intel Corporation

Part # PXA270
Description  Electrical, Mechanical, and Thermal Specification
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PXA270 Datasheet(HTML) 55 Page - Intel Corporation

Back Button PXA270 Datasheet HTML 51Page - Intel Corporation PXA270 Datasheet HTML 52Page - Intel Corporation PXA270 Datasheet HTML 53Page - Intel Corporation PXA270 Datasheet HTML 54Page - Intel Corporation PXA270 Datasheet HTML 55Page - Intel Corporation PXA270 Datasheet HTML 56Page - Intel Corporation PXA270 Datasheet HTML 57Page - Intel Corporation PXA270 Datasheet HTML 58Page - Intel Corporation PXA270 Datasheet HTML 59Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 126 page
background image
Electrical, Mechanical, and Thermal Specification
5-5
Intel® PXA270 Processor
Electrical Specifications
Core Voltage and Frequency Range 2 (91/45.5/91/45.5) and (104/104/104/104)
VVCCC2
Voltage applied on VCC_CORE
0.855
0.9
1.705
V
fCORE2
Core operating frequency
91
—
104
MHz
Tpwrramp
Ramp Rate
—
10
12
mV/uS
Core Voltage and Frequency Range 3 (156/104/104/104)
VVCCC3
Voltage applied on VCC_CORE
0.95
1.00
1.705
V
fCORE3
Core operating frequency
—
156
—
MHz
Tpwrramp
Ramp Rate
—
10
12
mV/uS
Core Voltage and Frequency Range 4 (208/208/208/104)
VVCCC4
Voltage applied on VCC_CORE
1.0925
1.15
1.705
V
fCORE4
Core operating frequency
—
208
—
MHz
Tpwrramp
Ramp Rate
—
10
12
mV/uS
Core Voltage and Frequency Range 4a (208/104/104/104)
VVCCC4a
Voltage applied on VCC_CORE
0.9975
1.05
1.705
V
fCORE4a
Core operating frequency
—
208
—
MHz
Tpwrramp
Ramp Rate
—
10
12
mV/uS
Core Voltage and Frequency Range 5 (312/208/208/104)
VVCCC5
Voltage applied on VCC_CORE
1.1875
1.25
1.705
V
fCORE5
Core operating frequency
—
312
—
MHz
Tpwrramp
Ramp Rate
—
10
12
mV/uS
Core Voltage and Frequency Range 5a (312/104/104/104)
VVCCC5a
Voltage applied on VCC_CORE
0.99
1.1
1.705
V
fCORE5a
Core operating frequency
—
312
—
MHz
Tpwrramp
Ramp Rate
—
10
12
mV/uS
Core Voltage and Frequency Range 6 (416/208/208/104)
VVCCC6
Voltage applied on VCC_CORE
1.2825
1.35
1.705
V
fCORE6
Core operating frequency
—
416
—
MHz
Tpwrramp
Ramp Rate
—
10
12
mV/uS
Core Voltage and Frequency Range 7 (520/208/208/104)
VVCCC7
Voltage applied on VCC_CORE
1.3775
1.45
1.705
V
fCORE7
Core operating frequency
—
520
—
MHz
Tpwrramp
Ramp Rate
—
10
12
mV/uS
Core Voltage and Frequency Range 8 (624/208/208/104)†
VVCCC8
Voltage applied on VCC_CORE
1.4725
1.55
1.705
V
fCORE8
Core operating frequency
—
624
—
MHz
Tpwrramp
Ramp Rate
—
10
12
mV/uS
†Core operating frequency not offered in PBGA package.
Table 5-4. Core Voltage and Frequency Electrical Specifications (Sheet 2 of 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com