Electronic Components Datasheet Search
  English  ▼

X  

PXA270 Datasheet(PDF) 115 Page - Intel Corporation

Part # PXA270
Description  Electrical, Mechanical, and Thermal Specification
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PXA270 Datasheet(HTML) 115 Page - Intel Corporation

Back Button PXA270 Datasheet HTML 111Page - Intel Corporation PXA270 Datasheet HTML 112Page - Intel Corporation PXA270 Datasheet HTML 113Page - Intel Corporation PXA270 Datasheet HTML 114Page - Intel Corporation PXA270 Datasheet HTML 115Page - Intel Corporation PXA270 Datasheet HTML 116Page - Intel Corporation PXA270 Datasheet HTML 117Page - Intel Corporation PXA270 Datasheet HTML 118Page - Intel Corporation PXA270 Datasheet HTML 119Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 126 page
background image
Electrical, Mechanical, and Thermal Specification
Glossary-5
Intel® PXA270 Processor
Glossary
End User: The user of a host.
Endpoint: See device endpoint.
Endpoint Address: The combination of an endpoint number and an endpoint direction on a USB device. Each
endpoint address supports data transfer in one direction.
Endpoint Direction: The direction of data transfer on the USB. The direction can be either IN or OUT. IN refers to
transfers to the host; OUT refers to transfers from the host.
Endpoint Number: A four-bit value between 0H and FH, inclusive, associated with an endpoint on a USB device.
Envelope detector: An electronic circuit inside a USB device that monitors the USB data lines and detects certain
voltage related signal characteristics.
EOF: End-of-(micro)Frame.
EOP: End-of-Packet.
EOTD: Enhanced Observed Time Difference
ETM: Embedded Trace Macrocell, the ARM* real-time trace capability
External Port: See port.
Eye pattern: A representation of USB signaling that provides minimum and maximum voltage levels as well as
signal jitter.
FAR: Fault Address Register, part of the ARM* architecture.
False EOP: A spurious, usually noise-induced event that is interpreted by a packet receiver as an EOP.
FDD: The Mobile Station transmits on one frequency; the Base Station transmits on another frequency
FDM: Frequency Division Multiplexing. Each Mobile station transmits on a different frequency (within a cell).
FDMA: Frequency Division Multiple Access. An analog standard that lets multiple users access a group of radio
frequency bands and eliminates interference of message traffic.
FHSS: See Frequency Hopping Spread Spectrum.
FIQ: Fast Interrupt Request. See Interrupt Request.
Frame: A 1 millisecond time base established on full-/low-speed buses.
Frame Pattern: A sequence of frames that exhibit a repeating pattern in the number of samples transmitted per
frame. For a 44.1 kHz audio transfer, the frame pattern could be nine frames containing 44 samples followed by one
frame containing 45 samples.
Frequency Hopping Spread Spectrum: A method by which a carrier spreads out packets of information (voice or
data) over different frequencies. For example, a phone call is carried on several different frequencies so that when
one frequency is lost another picks up the call without breaking the connection.
Fs: See sample rate.
FSR: Fault Status Register, part of the ARM* architecture.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com