Electronic Components Datasheet Search
  English  ▼

X  

PXA270 Datasheet(PDF) 119 Page - Intel Corporation

Part # PXA270
Description  Electrical, Mechanical, and Thermal Specification
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PXA270 Datasheet(HTML) 119 Page - Intel Corporation

Back Button PXA270 Datasheet HTML 115Page - Intel Corporation PXA270 Datasheet HTML 116Page - Intel Corporation PXA270 Datasheet HTML 117Page - Intel Corporation PXA270 Datasheet HTML 118Page - Intel Corporation PXA270 Datasheet HTML 119Page - Intel Corporation PXA270 Datasheet HTML 120Page - Intel Corporation PXA270 Datasheet HTML 121Page - Intel Corporation PXA270 Datasheet HTML 122Page - Intel Corporation PXA270 Datasheet HTML 123Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 126 page
background image
Electrical, Mechanical, and Thermal Specification
Glossary-9
Intel® PXA270 Processor
Glossary
OFDM: See Orthogonal Frequency Division Multiplexing.
Orthogonal Frequency Division Multiplexing: A special form of multi-carrier modulation. In a multi-path
channel, most conventional modulation techniques are sensitive to inter-symbol interference unless the channel
symbol rate is small compared to the delay spread of the channel. OFDM is significantly less sensitive to
inter-symbol interference, because a special set of signals is used to build the composite transmitted signal. The
basic idea is that each bit occupies a frequency-time window that ensures little or no distortion of the waveform. In
practice, it means that bits are transmitted in parallel over a number of frequency-nonselective channels.
Packet: A bundle of data organized in a group for transmission. Packets typically contain three elements: control
information (for example, source, destination, and length), the data to be transferred, and error detection and
correction bits. Packet data is the basis for packet-switched networks, which eliminate the need to dial-in to send or
receive information, because they are “always on.”
Packet Buffer: The logical buffer used by a USB device for sending or receiving a single packet. This determines
the maximum packet size the device can send or receive.
Packet ID (PID): A field in a USB packet that indicates the type of packet, and by inference, the format of the
packet and the type of error detection applied to the packet.
Packet Switched Network: Networks that transfer packets of data.
PCMCIA: Personal Computer Memory Card Interface Association (PC Card)
PCS: Personal Communications services. An alternative to cellular, PCD works like cellular technology because it
sends calls from transmitter to transmitter as a caller moves. But PCS uses its own network, not a cellular network,
and offers fewer “blind spots” than cellular, where calls are not available. PCS transmitters are generally closer
together than their cellular counterparts.
PDA: Personal Digital Assistant. A mobile handheld device that gives users access to text-based information. Users
can synchronize their PDAs with a PC or network; some models support wireless communication to retrieve and
send e-mail and get information from the Internet.
Phase: A token, data, or handshake packet. A transaction has three phases.
Phase Locked Loop (PLL): A circuit that acts as a phase detector to keep an oscillator in phase with an incoming
frequency.
Physical Device: A device that has a physical implementation; for example, speakers, microphones, and CD
players.
PID: See Packet ID or Process ID.
PIO: Programmed input/output
Pipe: A logical abstraction representing the association between an endpoint on a device and software on the host.
A pipe has several attributes; for example, a pipe may transfer data as streams (stream pipe) or messages (message
pipe). See also stream pipe and message pipe.
PLL: See Phase Locked Loop.
PM: Phase Modulation.
Polling: Asking multiple devices, one at a time, if they have any data to transmit.
POR: See Power On Reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com