Electronic Components Datasheet Search
  English  ▼

X  

PXA270 Datasheet(PDF) 122 Page - Intel Corporation

Part # PXA270
Description  Electrical, Mechanical, and Thermal Specification
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PXA270 Datasheet(HTML) 122 Page - Intel Corporation

Back Button PXA270 Datasheet HTML 118Page - Intel Corporation PXA270 Datasheet HTML 119Page - Intel Corporation PXA270 Datasheet HTML 120Page - Intel Corporation PXA270 Datasheet HTML 121Page - Intel Corporation PXA270 Datasheet HTML 122Page - Intel Corporation PXA270 Datasheet HTML 123Page - Intel Corporation PXA270 Datasheet HTML 124Page - Intel Corporation PXA270 Datasheet HTML 125Page - Intel Corporation PXA270 Datasheet HTML 126Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 122 / 126 page
background image
Glossary-12
Electrical, Mechanical, and Thermal Specification
Intel® PXA270 Processor
Glossary
SSE2: Streaming SIMD Extensions 2: for Intel Architecture machines, 144 new instructions, a 128-bit SIMD
integer arithmetic and 128-bit SIMD double precision floating point instructions, enabling enhanced multimedia
experiences.
SSP: Synchronous Serial Port
SSTL: Stub series terminated logic
Stage: One part of the sequence composing a control transfer; stages include the Setup stage, the Data stage, and
the Status stage.
Start-of-Frame (SOF): The first transaction in each (micro)frame. An SOF allows endpoints to identify the start of
the (micro)frame and synchronize internal endpoint clocks to the host.
Stream Pipe: A pipe that transfers data as a stream of samples with no defined USB structure
SWI: Software interrupt.
Synchronization Type: A classification that characterizes an isochronous endpoint’s capability to connect to other
isochronous endpoints.
Synchronous RA: The incoming data rate, Fsi, and the outgoing data rate, Fso, of the RA process are derived from
the same master clock. There is a fixed relation between Fsi and Fso.
Synchronous SRC: The incoming sample rate, Fsi, and outgoing sample rate, Fso, of the SRC process are derived
from the same master clock. There is a fixed relation between Fsi and Fso.
System Programming Interface (SPI): A defined interface to services provided by system software.
TC: Temperature Cycling
TDD: Time Division Duplexing The Mobile Station and the Base Station transmit on same frequency at different
times.
TDM: See Time Division Multiplexing.
TDMA: Time Division Multiple Access. TDMA protocol allows multiple users to access a single radio frequency
by allocating time slots for use to multiple voice or data calls. TDMA breaks down data transmissions, such as a
phone conversation, into fragments and transmits each fragment in a short burst, assigning each fragment a time
slot. With a cell phone, the caller would not detect this fragmentation. TDMA works with GSM and digital cellular
services.
TDR: See Time Domain Reflectometer.
Termination: Passive components attached at the end of cables to prevent signals from being reflected or echoed.
TFT: Thin Film Twist, a type of active LCD panel.
Three-state: a high-impedance state in which the output is floating and is electrically isolated from the buffer's
circuitry.
Time Division Multiplexing (TDM): A method of transmitting multiple signals (data, voice, and/or video)
simultaneously over one communications medium by interleaving a piece of each signal one after another.
Time Domain Reflectometer (TDR): An instrument capable of measuring impedance characteristics of the USB
signal lines.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com