Electronic Components Datasheet Search
  English  ▼

X  

PXA270 Datasheet(PDF) 121 Page - Intel Corporation

Part # PXA270
Description  Electrical, Mechanical, and Thermal Specification
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PXA270 Datasheet(HTML) 121 Page - Intel Corporation

Back Button PXA270 Datasheet HTML 117Page - Intel Corporation PXA270 Datasheet HTML 118Page - Intel Corporation PXA270 Datasheet HTML 119Page - Intel Corporation PXA270 Datasheet HTML 120Page - Intel Corporation PXA270 Datasheet HTML 121Page - Intel Corporation PXA270 Datasheet HTML 122Page - Intel Corporation PXA270 Datasheet HTML 123Page - Intel Corporation PXA270 Datasheet HTML 124Page - Intel Corporation PXA270 Datasheet HTML 125Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 126 page
background image
Electrical, Mechanical, and Thermal Specification
Glossary-11
Intel® PXA270 Processor
Glossary
Sample: The smallest unit of data on which an endpoint operates; a property of an endpoint.
Sample Rate (Fs): The number of samples per second, expressed in Hertz (Hz).
Sample Rate Conversion (SRC): A dedicated implementation of the RA process for use on sampled analog data
streams. The error control mechanism is replaced by interpolating techniques. Service A procedure provided by a
System Programming Interface (SPI).
Satellite Phone: Phones that connect callers by satellite. Users have a world-wide alternative to terrestrial
connections. Typical use is for isolated users, such as crews of deep-see oil rigs with phones configured to connect
to a satellite service.
SAV: Start of active video
SAW: Surface Acoustic Wave filter
SDRAM: Synchronous Dynamic Random Access Memory.
Service Interval: The period between consecutive requests to a USB endpoint to send or receive data.
Service Jitter: The deviation of service delivery from its scheduled delivery time.
Service Rate: The number of services to a given endpoint per unit time.
SIMD: Single Instruction Multiple Data (a parallel processing architecture).
Smart Phone: A combination of a mobile phone and a PDA, which allow users to communicate as well as perform
tasks; such as, accessing the Internet and storing contacts in a database. Smart phones have a PDA-like screen.
SMROM: Synchronous Mask ROM
SMS: Short Messaging Service. A service through which users can send text-based messages from one device to
another. The message can be up to 160 characters and appears on the screen of the receiving device. SMS works
with GSM networks.
SOC: System On Chip
SOF: See Start-of-Frame.
SOP: Start-of-Packet.
SPI: See System Programming Interface. Also, “Serial Peripheral Interface protocol.
SPI: Serial Peripheral Interface
Split transaction: A transaction type supported by host controllers and hubs. This transaction type allows full- and
low-speed devices to be attached to hubs operating at high-speed.
Spread Spectrum: An encoding technique patented by actress Hedy Lamarr and composer George Antheil, which
broadcasts a signal over a range of frequencies.
SRAM: Static Random Access Memory.
SRC: See Sample Rate Conversion.
SSE: Streaming SIMD Extensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com