Electronic Components Datasheet Search
  English  ▼

X  

PXA270 Datasheet(PDF) 112 Page - Intel Corporation

Part # PXA270
Description  Electrical, Mechanical, and Thermal Specification
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PXA270 Datasheet(HTML) 112 Page - Intel Corporation

Back Button PXA270 Datasheet HTML 108Page - Intel Corporation PXA270 Datasheet HTML 109Page - Intel Corporation PXA270 Datasheet HTML 110Page - Intel Corporation PXA270 Datasheet HTML 111Page - Intel Corporation PXA270 Datasheet HTML 112Page - Intel Corporation PXA270 Datasheet HTML 113Page - Intel Corporation PXA270 Datasheet HTML 114Page - Intel Corporation PXA270 Datasheet HTML 115Page - Intel Corporation PXA270 Datasheet HTML 116Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 126 page
background image
Glossary-2
Electrical, Mechanical, and Thermal Specification
Intel® PXA270 Processor
Glossary
BGA: Ball Grid Array
BFSK: binary frequency shift keying. A coding scheme for digital data.
Bit: A unit of information used by digital computers. Represents the smallest piece of addressable memory within a
computer. A bit expresses the choice between two possibilities and is typically represented by a logical one (1) or
zero (0).
Bit Stuffing: Insertion of a “0” bit into a data stream to cause an electrical transition on the data wires, allowing a
PLL to remain locked.
Blackberry: A two-way wireless device (pager) made by Research In Motion (RIM) that allows users to check
e-mail and voice mail translated into text, as well as page other users of a wireless network service. It has a
miniature “qwerty” keyboard that can be used by your thumbs, and uses SMS protocol. A Blackberry user must
subscribe to the proprietary wireless service that allows for data transmission.
Bluetooth: A short-range wireless specification that allows for radio connections between devices within a 30-foot
range of each other. The name comes from 10th-century Danish King Harald Blatand (Bluetooth), who unified
Denmark and Norway.
BPSK: binary phase shift keying. A means of encoding digital data into a signal using phase-modulated
communications.
b/s: Transmission rate expressed in bits per second.
B/s: Transmission rate expressed in bytes per second.
BTB: Branch Target Buffer
BTS: Base Transmitter Station
Buffer: Storage used to compensate for a difference in data rates or time of occurrence of events, when transmitting
data from one device to another.
Bulk Transfer: One of the four USB transfer types. Bulk transfers are non-periodic, large bursty communication
typically used for a transfer that can use any available bandwidth and can also be delayed until bandwidth is
available. See also transfer type.
Bus Enumeration: Detecting and identifying USB devices.
Byte: A data element that is eight bits in size.
Capabilities: Those attributes of a USB device that are administrated by the host.
CAS: Cycle Accurate Simulator
CAS-B4-RAS: See CBR.
CBR: CAS Before RAS. Column Address Strobe Before Row Address Strobe. A fast refresh technique in which
the DRAM keeps track of the next row it needs to refresh, thus simplifying what a system would have to do to
refresh the part.
CDMA: Code Division Multiple Access U.S. wireless carriers Sprint PCD and Verizon use CDMA to allocate
bandwidth for users of digital wireless devices. CDMA distinguishes between multiple transmissions carried
simultaneously on a single wireless signal. It carries the transmissions on that signal, freeing network room for the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com