Electronic Components Datasheet Search
  English  ▼

X  

WM8994 Datasheet(PDF) 120 Page - Wolfson Microelectronics plc

Part # WM8994
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  359 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8994 Datasheet(HTML) 120 Page - Wolfson Microelectronics plc

Back Button WM8994 Datasheet HTML 116Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 117Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 118Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 119Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 120Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 121Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 122Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 123Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 124Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 359 page
background image
WM8994
Production Data
w
PD, April 2012, Rev 4.4
120
OUTPUT SIGNAL PATH VOLUME CONTROL
There are six output PGAs - MIXOUTLVOL, MIXOUTRVOL, HPOUT1LVOL, HPOUT1RVOL,
SPKLVOL and SPKRVOL. Each can be independently controlled, with MIXOUTLVOL and
MIXOUTRVOL providing volume control to both the earpiece and line drivers, HPOUT1LVOL and
HPOUT1RVOL to the headphone driver, and SPKLVOL and SPKRVOL to the speaker drivers.
The volume control of each of these output PGAs can be adjusted over a wide range of values. To
minimise pop noise, it is recommended that only the MIXOUTLVOL, MIXOUTRVOL, HPOUT1LVOL,
HPOUT1RVOL, SPKLVOL and SPKRVOL are modified while the output signal path is active. Other
gain controls are provided in the signal paths to provide scaling of signals from different sources, and
to prevent clipping when multiple signals are mixed. However, to prevent pop noise, it is
recommended that those other gain controls should not be modified while the signal path is active.
To prevent "zipper noise", a zero-cross function is provided on the output PGAs. When this feature is
enabled, volume updates will not take place until a zero-crossing is detected. In the case of a long
period without zero-crossings, a timeout function is provided. When the zero-cross function is
enabled, the volume will update after the timeout period if no earlier zero-cross has occurred. The
timeout clock is enabled using TOCLK_ENA; the timeout period is set by TOCLK_DIV. See “Clocking
and Sample Rates” for more information on these fields.
The mixer output PGA controls are shown in Table 62. The MIXOUT_VU bits control the loading of
the output mixer PGA volume data. When MIXOUT_VU is set to 0, the volume control data will be
loaded into the respective control register, but will not actually change the gain setting. The output
mixer PGA volume settings are both updated when a 1 is written to either MIXOUT_VU bit. This
makes it possible to update the gain of both output paths simultaneously.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R32 (0020h)
Left OPGA
Volume
8
MIXOUT_VU
N/A
Mixer Output PGA Volume Update
Writing a 1 to this bit will update
MIXOUTLVOL and MIXOUTRVOL
volumes simultaneously.
7
MIXOUTL_ZC
0
MIXOUTLVOL (Left Mixer Output
PGA) Zero Cross Enable
0 = Zero cross disabled
1 = Zero cross enabled
6
MIXOUTL_MUTE_N
1
MIXOUTLVOL (Left Mixer Output
PGA) Mute
0 = Mute
1 = Un-mute
5:0
MIXOUTL_VOL [5:0]
39h
(0dB)
MIXOUTLVOL (Left Mixer Output
PGA) Volume
-57dB to +6dB in 1dB steps
00_0000 = -57dB
00_0001 = -56dB
… (1dB steps)
11_1111 = +6dB
(See Table 65 for output PGA
volume control range)
R33 (0021h)
Right OPGA
Volume
8
MIXOUT_VU
N/A
Mixer Output PGA Volume Update
Writing a 1 to this bit will update
MIXOUTLVOL and MIXOUTRVOL
volumes simultaneously.
7
MIXOUTR_ZC
0
MIXOUTRVOL (Right Mixer Output
PGA) Zero Cross Enable
0 = Zero cross disabled
1 = Zero cross enabled
6
MIXOUTR_MUTE_N
1
MIXOUTLVOL (Right Mixer Output
PGA) Mute
0 = Mute
1 = Un-mute



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com