Electronic Components Datasheet Search
  English  ▼

X  

WM8994 Datasheet(PDF) 121 Page - Wolfson Microelectronics plc

Part # WM8994
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  359 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8994 Datasheet(HTML) 121 Page - Wolfson Microelectronics plc

Back Button WM8994 Datasheet HTML 117Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 118Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 119Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 120Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 121Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 122Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 123Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 124Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 125Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 359 page
background image
Production Data
WM8994
w
PD, April 2012, Rev 4.4
121
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
5:0
MIXOUTR_VOL [5:0]
39h
(0dB)
MIXOUTRVOL (Right Mixer Output
PGA) Volume
-57dB to +6dB in 1dB steps
00_0000 = -57dB
00_0001 = -56dB
… (1dB steps)
11_1111 = +6dB
(See Table 65 for output PGA
volume control range)
Table 62 Mixer Output PGA (MIXOUTLVOL, MIXOUTRVOL) Control
The headphone output PGA is configurable between two input sources. The default input to each
headphone output PGA is the respective output mixer (MIXOUTL or MIXOUTR). A direct path from
the DAC1L or DAC1R can be selected using the DAC1L_TO_HPOUT1L and DAC1R_TO_HPOUT1R
register bits. When these bits are selected, a DAC to Headphone playback path is possible without
using the output mixers; this offers reduced power consumption by allowing the output mixers to be
disabled in this typical usage case.
The headphone output PGA controls are shown in Table 63. The HPOUT1_VU bits control the
loading of the headphone PGA volume data. When HPOUT1_VU is set to 0, the volume control data
will be loaded into the respective control register, but will not actually change the gain setting. The
headphone PGA volume settings are both updated when a 1 is written to either HPOUT1_VU bit. This
makes it possible to update the gain of both output paths simultaneously.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com