Electronic Components Datasheet Search
  English  ▼

X  

WM8994 Datasheet(PDF) 141 Page - Wolfson Microelectronics plc

Part # WM8994
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  359 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8994 Datasheet(HTML) 141 Page - Wolfson Microelectronics plc

Back Button WM8994 Datasheet HTML 137Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 138Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 139Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 140Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 141Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 142Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 143Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 144Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 145Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 359 page
background image
Production Data
WM8994
w
PD, April 2012, Rev 4.4
141
The headphone output incorporates a common mode, or ground loop, feedback path which provides
rejection of system-related ground noise. The return path is via HPOUT1FB. This pin must be
connected to ground for normal operation of the headphone output. No register configuration is
required.
Note that the HPOUT1FB pin should be connected to GND close to the headphone jack, as illustrated
in Figure 36.
EARPIECE DRIVER OUTPUT CONFIGURATIONS
The earpiece driver outputs HPOUT2P and HPOUT2N are driven by the HPOUT2MIX output mixer,
which can take inputs from the mixer output PGAs MIXOUTLVOL and MIXOUTRVOL, or from the low
power, differential Direct Voice path IN2LP/VRXN and IN2RP/VRXP. Fine volume control is available
on the output mixer paths using MIXOUTLVOL and MIXOUTRVOL. A selectable -6dB attenuation is
available on the HPOUT2MIX output, as described in Table 67 (refer to the “Analogue Output Signal
Path” section).
The earpiece outputs are designed to operate in a BTL configuration, driving 50mW into a typical 16
ear speaker.
For suppression of pop noise there are two separate enables for the earpiece driver; HPOUT2_ENA
enables the output stage and HPOUT2_IN_ENA enables the mixer and input stage.
HPOUT2_IN_ENA should be enabled a minimum of 50
s before HPOUT2_ENA – see “Control Write
Sequencer” section for an example power sequence.
LINE OUTPUT CONFIGURATIONS
The four line outputs LINEOUT1P, LINEOUT1N, LINEOUT2P and LINEOUT2N provide a highly
flexible combination of differential and single-ended configurations, each driven by a dedicated output
mixer. There is a selectable -6dB gain option in each mixer to avoid clipping when mixing more than
one signal into a line output. Additional volume control is available at other locations within each of
the supported signal paths. For more information about the line output mixing options, refer to the
“Analogue Output Signal Path” section.
Typical applications for the line outputs (single-ended or differential) are:
Handset or headset microphone output to external voice CODEC
Stereo line output
Output to external speaker driver(s) to support additional loudspeakers
When single-ended mode is selected for either LINEOUT1 or LINEOUT2, a buffered VMID must be
enabled as a reference for the outputs. This is enabled by setting the LINEOUT_VMID_BUF_ENA bit
as defined in Table 76.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R56 (0038h)
AntiPOP (1)
7
LINEOUT_VMID_BUF_E
NA
0
Enables VMID reference for line
outputs in single-ended mode
0 = Disabled
1 = Enabled
Table 76 LINEOUT VMID Buffer for Single-Ended Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com