Electronic Components Datasheet Search
  English  ▼

X  

WM8994 Datasheet(PDF) 146 Page - Wolfson Microelectronics plc

Part # WM8994
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  359 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8994 Datasheet(HTML) 146 Page - Wolfson Microelectronics plc

Back Button WM8994 Datasheet HTML 142Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 143Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 144Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 145Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 146Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 147Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 148Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 149Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 150Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 359 page
background image
WM8994
Production Data
w
PD, April 2012, Rev 4.4
146
Internal pull-up and pull-down resistors may be enabled using the GPn_PU and GPn_PD fields; this
allows greater flexibility to interface with different signals from other devices. (Note that if GPn_PU
and GPn_PD are both set for any GPIO pin, then the pull-up and pull-down will be disabled.)
Each of the GPIO pins is an input to the Interrupt control circuit and can be used to trigger an Interrupt
event. An interrupt event is triggered on the rising and falling edge of the GPIO input. The associated
interrupt bit is latched once set; it can be polled at any time or used to control the IRQ signal. See
“Interrupts” for more details of the Interrupt event handling.
The register fields that control the GPIO pins are described in Table 78, Table 79 and Table 80.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1792
(0700h)
GPIO1
15
GP1_DIR
1
GPIO1 Pin Direction
0 = Output
1 = Input
14
GP1_PU
0
GPIO1 Pull-Up Enable
0 = Disabled
1 = Enabled
13
GP1_PD
0
GPIO1 Pull-Down Enable
0 = Disabled
1 = Enabled
10
GP1_POL
0
GPIO1 Polarity Select
0 = Non-inverted (Active High)
1 = Inverted (Active Low)
9
GP1_OP_CFG
0
GPIO1 Output Configuration
0 = CMOS
1 = Open Drain
8
GP1_DB
1
GPIO1 Input De-bounce
0 = Disabled
1 = Enabled
6
GP1_LVL
0
GPIO1 level. Write to this bit to set
a GPIO output. Read from this bit to
read GPIO input level.
For output functions only, when
GP1_POL is set, the register
contains the opposite logic level to
the external pin.
4:0
GP1_FN [4:0]
0000
GPIO1 Pin Function
(see Table 81 for details)
Table 78 GPIO1 Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com