Electronic Components Datasheet Search
  English  ▼

X  

WM8994 Datasheet(PDF) 148 Page - Wolfson Microelectronics plc

Part # WM8994
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  359 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8994 Datasheet(HTML) 148 Page - Wolfson Microelectronics plc

Back Button WM8994 Datasheet HTML 144Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 145Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 146Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 147Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 148Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 149Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 150Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 151Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 152Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 359 page
background image
WM8994
Production Data
w
PD, April 2012, Rev 4.4
148
GPIO FUNCTION SELECT
The available GPIO functions are described in Table 81. The function of each GPIO is set using the
GPn_FN register, where n identifies the GPIO pin (1 to 11). Note that the respective GPn_DIR must
also be set according to whether the function is an input or output.
Note that GPIO2 supports functions MCLK2 and Button Detect / Logic Level Input only.
GPn_FN
DESCRIPTION
COMMENTS
00h
GPIO1 - ADCLRCLK1
GPIO2 - MCLK2
GPIO3 - BCLK2
GPIO4 - LRCLK2
GPIO5 - DACDAT2
GPIO6 - ADCLRCLK2
GPIO7 - ADCDAT2
GPIO8 - DACDAT3
GPIO9 - ADCDAT3
GPIO10 - LRCLK3
GPIO11 - BCLK3
Alternate Audio Interface connections.
01h
Button detect input /
Logic level output
GPn_DIR = 0: GPIO pin logic level is set by GPn_LVL.
GPn_DIR = 1: Button detect or logic level input.
Note that GPIO2 can only be configured as an input.
02h
SDOUT
SPI Control Interface data output
03h
IRQ
Interrupt (IRQ) output
0 = IRQ not asserted
1 = IRQ asserted
04h
Temperature
(Shutdown) status
output
Indicates Temperature Shutdown Sensor status
0 = Temperature is below shutdown level
1 = Temperature is above shutdown level
05h
MICBIAS1 Current
Detect
Indicates MICBIAS1 Current Detection status
0 = Current Detect threshold not exceeded
1 = Current Detect threshold exceeded
06h
MICBIAS1 Short Circuit
Detect
Indicates MICBIAS1 Short Circuit Detection status
0 = Short Circuit threshold not exceeded
1 = Short Circuit threshold exceeded
07h
MICBIAS2 Current
Detect
Indicates MICBIAS2 Current Detection status
0 = Current Detect threshold not exceeded
1 = Current Detect threshold exceeded
08h
MICBIAS2 Short Circuit
Detect
Indicates MICBIAS2 Short Circuit Detection status
0 = Short Circuit threshold not exceeded
1 = Short Circuit threshold exceeded
09h
FLL1 Lock
Indicates FLL1 Lock status
0 = Not locked
1 = Locked
0Ah
FLL2 Lock
Indicates FLL2 Lock status
0 = Not locked
1 = Locked
0Bh
SRC1 Lock
Indicates SRC1 Lock status
0 = Not locked
1 = Locked
0Ch
SRC2 Lock
Indicates SRC2 Lock status
0 = Not locked
1 = Locked



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com