Electronic Components Datasheet Search
  English  ▼

X  

WM8994 Datasheet(PDF) 151 Page - Wolfson Microelectronics plc

Part # WM8994
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  359 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8994 Datasheet(HTML) 151 Page - Wolfson Microelectronics plc

Back Button WM8994 Datasheet HTML 147Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 148Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 149Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 150Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 151Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 152Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 153Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 154Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 155Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 359 page
background image
Production Data
WM8994
w
PD, April 2012, Rev 4.4
151
ACCESSORY DETECTION (MICBIAS CURRENT DETECTION)
Current detection is provided on each of the microphone bias sources MICBIAS1 and MICBIAS2.
These can be configured to detect when an external accessory (such as a microphone) has been
connected. The output voltage of each of the microphone bias sources is selectable. Two current
detection threshold levels can be set; these thresholds are applicable to both microphone bias
sources.
The logic signals from the current detect circuits may be output directly on any GPIO pin by setting
the respective GPIO registers as described in “GPIO Control”. De-bounce can be applied to these
signals using the register bits described in Table 83.
The current detection circuits are inputs to the Interrupt control circuit, after the selectable de-bounce.
An interrupt event is triggered on the rising and falling edges of the current detect signals. The
associated interrupt bits are latched once set; they can be polled at any time or used to control the
IRQ signal. See “Interrupts” for more details of the Interrupt event handling.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1 (0001h)
Power
Management
(1)
5
MICB2_ENA
0
Microphone Bias 2 Enable
0 = Disabled
1 = Enabled
4
MICB1_ENA
0
Microphone Bias 1 Enable
0 = Disabled
1 = Enabled
R58 (003Ah)
MICBIAS
7:6
MICD_SCT
HR [1:0]
00
MICBIAS Short Circuit Current threshold
00 = 300uA
01 = 600uA
10 = 1200uA
11 = 2400uA
These values are for AVDD1=3.0V and scale
proportionally with AVDD1.
5:3
MICD_THR
[2:0]
000
MICBIAS Current Detect threshold
00X = 150uA
01X = 300uA
10X = 600uA
11X = 1200uA
These values are for AVDD1=3.0V and scale
proportionally with AVDD1.
2
MICD_ENA
0
MICBIAS Current Detect / Short Circuit
Threshold enable
0 = Disabled
1 = Enabled
1
MICB2_LVL
0
Microphone Bias 2 Voltage Control
0 = 0.9 * AVDD1
1 = 0.65 * AVDD1
0
MICB1_LVL
0
Microphone Bias 1 Voltage Control
0 = 0.9 * AVDD1
1 = 0.65 * AVDD1
R1864
(0748h)
IRQ
Debounce
4
MIC2_SHRT
_DB
1
MICBIAS2 Short Circuit de-bounce
0 = Disabled
1 = Enabled
3
MIC2_DET_
DB
1
MICBIAS2 Current Detect de-bounce
0 = Disabled
1 = Enabled
2
MIC1_SHRT
_DB
1
MICBIAS1 Short Circuit de-bounce
0 = Disabled
1 = Enabled
1
MIC1_DET_
DB
1
MICBIAS1 Current Detect de-bounce
0 = Disabled
1 = Enabled
Table 83 MICBIAS Enable and GPIO/Interrupt Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com