Electronic Components Datasheet Search
  English  ▼

X  

WM8994 Datasheet(PDF) 154 Page - Wolfson Microelectronics plc

Part # WM8994
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  359 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8994 Datasheet(HTML) 154 Page - Wolfson Microelectronics plc

Back Button WM8994 Datasheet HTML 150Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 151Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 152Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 153Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 154Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 155Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 156Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 157Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 158Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 359 page
background image
WM8994
Production Data
w
PD, April 2012, Rev 4.4
154
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
10:9
AIF2DRC_SIG_D
ET_PK [1:0]
00
AIF2 DRC Signal Detect Peak
Threshold.
This is the Peak/RMS ratio, or Crest
Factor, level for signal detect to be
indicated when
AIF2DRC_SIG_DET_MODE=0.
00 = 12dB
01 = 18dB
10 = 24dB
11 = 30dB
7
AIF2DRC_SIG_D
ET_MODE
1
AIF2 DRC Signal Detect Mode
0 = Peak threshold mode
1 = RMS threshold mode
6
AIF2DRC_SIG_D
ET
0
AIF2 DRC Signal Detect Enable
0 = Disabled
1 = Enabled
Table 84 DRC Signal Activity Detect GPIO/Interrupt Control
CONTROL WRITE SEQUENCER STATUS DETECTION
The WM8994 Control Write Sequencer (WSEQ) can be used to execute a sequence of register write
operations in response to a simple trigger event. When the Control Write Sequencer is executing a
sequence, normal access to the register map via the Control Interface is restricted. See “Control Write
Sequencer” for details of the Control Write Sequencer.
The WM8994 generates a signal indicating the status of the Control Write Sequencer, in order to
signal to the host processor whether the Control Interface functionality is restricted due to an ongoing
Control Sequence. The WSEQ_DONE flag indicates that the sequencer has completed the
commanded sequence.
The Write Sequencer status may be output directly on any GPIO pin by setting the respective GPIO
registers as described in “GPIO Control”.
The Write Sequencer status is an input to the Interrupt control circuit. An interrupt event is triggered
on completion of a Control Sequence. The associated interrupt bit is latched once set; it can be polled
at any time or used to control the IRQ signal. See “Interrupts” for more details of the Interrupt event
handling.
DIGITAL CORE FIFO ERROR STATUS DETECTION
The WM8994 monitors the Digital Core for error conditions which may occur if a clock rate mismatch
is detected. Under these conditions, the digital audio may become corrupted.
The most likely cause of a Digital Core FIFO Error condition is an incorrect system clocking
configuration. See “Clocking and Sample Rates” for the WM8994 system clocking requirements.
The Digital Core FIFO Error function is provided in order that the system configuration can be verified
during product development.
The FIFO Error signal may be output directly on any GPIO pin by setting the respective GPIO
registers as described in “GPIO Control”.
The FIFO Error signal is an input to the Interrupt control circuit. An interrupt event is triggered on the
rising edge of the FIFO Error signal. The associated interrupt bit is latched once set; it can be polled
at any time or used to control the IRQ signal. See “Interrupts” for more details of the Interrupt event
handling.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com