Electronic Components Datasheet Search
  English  ▼

X  

WM8994 Datasheet(PDF) 153 Page - Wolfson Microelectronics plc

Part # WM8994
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  359 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8994 Datasheet(HTML) 153 Page - Wolfson Microelectronics plc

Back Button WM8994 Datasheet HTML 149Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 150Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 151Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 152Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 153Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 154Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 155Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 156Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 157Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 359 page
background image
Production Data
WM8994
w
PD, April 2012, Rev 4.4
153
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
10:9
AIF1DRC1_SIG_
DET_PK [1:0]
00
AIF1 DRC1 Signal Detect Peak
Threshold.
This is the Peak/RMS ratio, or Crest
Factor, level for signal detect to be
indicated when
AIF1DRC1_SIG_DET_MODE=0.
00 = 12dB
01 = 18dB
10 = 24dB
11 = 30dB
7
AIF1DRC1_SIG_
DET_MODE
1
AIF1 DRC1 Signal Detect Mode
0 = Peak threshold mode
1 = RMS threshold mode
6
AIF1DRC1_SIG_
DET
0
AIF1 DRC1 Signal Detect Enable
0 = Disabled
1 = Enabled
R1104
(0450h)
AIF1 DRC2
(1)
15:11
AIF1DRC2_SIG_
DET_RMS [4:0]
00000
AIF1 DRC2 Signal Detect RMS
Threshold.
This is the RMS signal level for signal
detect to be indicated when
AIF1DRC2_SIG_DET_MODE=1.
00000 = -30dB
00001 = -31.5dB
…. (1.5dB steps)
11110 = -75dB
11111 = -76.5dB
10:9
AIF1DRC2_SIG_
DET_PK [1:0]
00
AIF1 DRC2 Signal Detect Peak
Threshold.
This is the Peak/RMS ratio, or Crest
Factor, level for signal detect to be
indicated when
AIF1DRC2_SIG_DET_MODE=0.
00 = 12dB
01 = 18dB
10 = 24dB
11 = 30dB
7
AIF1DRC2_SIG_
DET_MODE
1
AIF1 DRC2 Signal Detect Mode
0 = Peak threshold mode
1 = RMS threshold mode
6
AIF1DRC2_SIG_
DET
0
AIF1 DRC2 Signal Detect Enable
0 = Disabled
1 = Enabled
R1344
(0540h)
AIF2 DRC (1)
15:11
AIF2DRC_SIG_D
ET_RMS [4:0]
00000
AIF2 DRC Signal Detect RMS
Threshold.
This is the RMS signal level for signal
detect to be indicated when
AIF2DRC_SIG_DET_MODE=1.
00000 = -30dB
00001 = -31.5dB
…. (1.5dB steps)
11110 = -75dB
11111 = -76.5dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com