Electronic Components Datasheet Search
  English  ▼

X  

WM8994 Datasheet(PDF) 152 Page - Wolfson Microelectronics plc

Part # WM8994
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  359 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8994 Datasheet(HTML) 152 Page - Wolfson Microelectronics plc

Back Button WM8994 Datasheet HTML 148Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 149Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 150Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 151Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 152Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 153Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 154Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 155Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 156Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 359 page
background image
WM8994
Production Data
w
PD, April 2012, Rev 4.4
152
FREQUENCY LOCKED LOOP (FLL) LOCK STATUS OUTPUT
The WM8994 maintains a flag indicating the lock status of each of FLLs, which may be used to
control other events if required. See “Clocking and Sample Rates” for more details of the FLL.
The FLL Lock signals may be output directly on any GPIO pin by setting the respective GPIO
registers as described in “GPIO Control”.
The FLL Lock signals are inputs to the Interrupt control circuit. An interrupt event is triggered on the
rising and falling edges of the FLL Lock signals. The associated interrupt bits are latched once set;
they can be polled at any time or used to control the IRQ signal. See “Interrupts” for more details of
the Interrupt event handling.
SAMPLE RATE CONVERTER (SRC) LOCK STATUS OUTPUT
The WM8994 maintains a flag indicating the lock status of each of Sample Rate Converters, which
may be used to control other events if required. See “Sample Rate Conversion” for more details of the
Sample Rate Converters.
The SRC Lock signals may be output directly on any GPIO pin by setting the respective GPIO
registers as described in “GPIO Control”.
The SRC Lock signals are inputs to the Interrupt control circuit, after the selectable de-bounce. An
interrupt event is triggered on the rising and falling edges of the SRC Lock signals. The associated
interrupt bits are latched once set; they can be polled at any time or used to control the IRQ signal.
See “Interrupts” for more details of the Interrupt event handling.
DYNAMIC RANGE CONTROL (DRC) SIGNAL ACTIVITY DETECTION
Signal activity detection is provided on each of the Dynamic Range Controllers (DRCs). These may
be configured to indicate when a signal is present on the respective signal path. The signal activity
status signals may be used to control other events if required. See “Digital Core Architecture” for
more details of the DRCs and the available digital signal paths.
When a DRC is enabled, as described in “Dynamic Range Control (DRC)”, then signal activity
detection can be enabled by setting the respective [DRC]_SIG_DET register bit. The applicable
threshold can be defined either as a Peak level (Crest Factor) or an RMS level, depending on the
[DRC]
_SIG_DET_MODE register bit. When Peak level is selected, the threshold is determined by
[DRC]
_SIG_DET_PK, which defines the applicable Crest Factor (Peak to RMS ratio) threshold. If
RMS level is selected, then the threshold is set using [DRC]_SIG_DET_RMS. These register fields
are set independently for each of the three Dynamic Range Controllers, as described in Table 84.
The DRC Signal Detect signals may be output directly on any GPIO pin by setting the respective
GPIO registers as described in “GPIO Control”.
The DRC Signal Detect signals are inputs to the Interrupt control circuit. An interrupt event is
triggered on the rising edge of the DRC Signal Detect signals. The associated interrupt bits are
latched once set; they can be polled at any time or used to control the IRQ signal. See “Interrupts” for
more details of the Interrupt event handling.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1088
(0440h)
AIF1 DRC1
(1)
15:11
AIF1DRC1_SIG_
DET_RMS [4:0]
00000
AIF1 DRC1 Signal Detect RMS
Threshold.
This is the RMS signal level for signal
detect to be indicated when
AIF1DRC1_SIG_DET_MODE=1.
00000 = -30dB
00001 = -31.5dB
…. (1.5dB steps)
11110 = -75dB
11111 = -76.5dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com