Electronic Components Datasheet Search
  English  ▼

X  

TLE8718SA Datasheet(PDF) 30 Page - Infineon Technologies AG

Part # TLE8718SA
Description  Smart 18-Channel Lowside Switch with Micro Second Bus
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8718SA Datasheet(HTML) 30 Page - Infineon Technologies AG

Back Button TLE8718SA Datasheet HTML 26Page - Infineon Technologies AG TLE8718SA Datasheet HTML 27Page - Infineon Technologies AG TLE8718SA Datasheet HTML 28Page - Infineon Technologies AG TLE8718SA Datasheet HTML 29Page - Infineon Technologies AG TLE8718SA Datasheet HTML 30Page - Infineon Technologies AG TLE8718SA Datasheet HTML 31Page - Infineon Technologies AG TLE8718SA Datasheet HTML 32Page - Infineon Technologies AG TLE8718SA Datasheet HTML 33Page - Infineon Technologies AG TLE8718SA Datasheet HTML 34Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 82 page
background image
Data Sheet
30
Rev. 1.1, 2012-07-31
TLE 8718 SA
Power Stages
5.9
Timing Diagram MSC to OUTn
Figure 6
Timing diagram MSC to OUTn (not tested, overview only)
The timing starts with the end of the data frame.
5.10
Parallel connection of PS
All stages are switched on and off simultaneously as all data of the downstream frame becomes valid at the same
time. The micro controller has to ensure that the stages which are connected in parallel have always the same
state (on or off) and same configuration regarding current limitation (OUTn_SCB). Exceptions are OUT15 and
OUT16 which are controlled by command. Therefor these two stages can only be connected in parallel with each
other.
The application has to take into account that all maximum ratings are observed (e.g. in case of short circuit the
ground current and the power dissipation has to be taken into account).
The Junction Temperature of the power stages which are switched in parallel has to be equal. No parasitic
resistors between the parallel connected output channels are considered in Table 14. If channels are connected
in parallel, they must be connected in parallel for the whole lifetime (no switching between “parallel connection”
and “non parallel connection” allowed during lifetime for a single device).
Maximum current:
The maximum value of the maximum current
I
OUTpar_max(max) of the parallel connected stages is the sum of the
corresponding maximum current values
I
OUTn_max(max). The minimum value of maximum current IOUTn_max(min) is
shown in Table 14.
ON-Resistance:
The maximum ON-Resistance at 150°C of a parallel connection
R
on_par = 1 / Σ (1 / Ron_n) and the corresponding
condition
I
OUTpar_max(min) can be seen in Table 14.
Clamping Energy:
Only equivalent operating points could be added. The conditions (
Tj
(0), IOUTn(0)) for parallel connected stages are
the same as for a single stage. The clamping energy of parallel connected stages is
E
CL_par(max) = Clamping_energy_factor × Σ E
CL_OUTn(max) and shown in Table 15.
The performance during parallel connection of channels is specified by design and not subject to the production
test. Only the combinations defined in Table 14 and Table 15 are supported for parallel connection.
soff
son
tdon
tson
tdoff tsoff
t
t
0.8VBAT
0.2VBAT
Drawing8_Timing_MSC_to_OUTn.vsd
Command Frame
VBAT
VOUTn
OUTn ON
OUTn OFF
tdif = tdon -tdoff



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com