Electronic Components Datasheet Search
  English  ▼

X  

TLE8718SA Datasheet(PDF) 23 Page - Infineon Technologies AG

Part # TLE8718SA
Description  Smart 18-Channel Lowside Switch with Micro Second Bus
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8718SA Datasheet(HTML) 23 Page - Infineon Technologies AG

Back Button TLE8718SA Datasheet HTML 19Page - Infineon Technologies AG TLE8718SA Datasheet HTML 20Page - Infineon Technologies AG TLE8718SA Datasheet HTML 21Page - Infineon Technologies AG TLE8718SA Datasheet HTML 22Page - Infineon Technologies AG TLE8718SA Datasheet HTML 23Page - Infineon Technologies AG TLE8718SA Datasheet HTML 24Page - Infineon Technologies AG TLE8718SA Datasheet HTML 25Page - Infineon Technologies AG TLE8718SA Datasheet HTML 26Page - Infineon Technologies AG TLE8718SA Datasheet HTML 27Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 82 page
background image
TLE 8718 SA
Power Stages
Data Sheet
23
Rev. 1.1, 2012-07-31
5.6
Power Stages OUT11...OUT14
Table 11
Electrical Characteristics Power Stages OUT11...OUT14
n = 11...14, all channels ON or OFF, nominal load conditions, 4.5V <
V
DD < 5.5V, 4.5V < VBAT < 40V, all voltages
with respect to PGND, positive current flowing into pin.,
T
j = -40°C to +150°C, unless otherwise specified
Pos.
Parameter
Symbol
Values
Unit TC Conditions
min. typ. max.
Load Current
5.6.1
Continuous Load Current
I
OUTn
––
2.2
A
C
–
5.6.2
Extended current time,
Accumulated operating time
t
OUTn_ec
––
100
h
C
VBAT≤14V,
RL≥2.78Ω
5.6.3
Maximum current, (short circuit limited
current / switch off threshold)
I
OUTn_max
2.2
–
4
A
A
–
ON-Resistance
5.6.4
On-resistance
Tj=-40°C
R
on-40_n
––
432
m
Ω C
I
OUTn=2.2A
5.6.5
On-resistance
Tj=25°C
R
on+25_n
––
533
m
Ω C
I
OUTn=2.2A
5.6.6
On-resistance
Tj≤150°C
R
on_n
––
720
m
Ω A
I
OUTn=2.2A
Delay times, Slew rates (see Figure 6)
5.6.7
Switch on delay
t
don_n
––
10
µs
C
R
Load=7.68Ω,
V
BAT=14V
5.6.8
Switch off delay
t
doff_n
––
10
µs
C
R
Load=7.68Ω,
V
BAT=14V
5.6.9
Difference of switch on and off delay
t
dif_n=tdon_n-tdoff_n
t
dif_n
-5
–
5
µs
C
R
Load=7.68Ω,
V
BAT=14V
5.6.10 Switch on slew rates
s
on_n
1.5
3.1
7.5
V/µs C
R
Load=7.68Ω,
V
BAT=14V
5.6.11 Switch off slew rates
s
off_n
1.5
3.1
7.5
V/µs C
R
Load=7.68Ω,
V
BAT=14V
Leakage current
5.6.12 Leakage current of the Output Stage
I
l_OUTn
––
5
µA
C
V
OUTn=14V,
V
DD=0V, Tj=60°C
5.6.13 Leakage current of the Output Stage
I
l_OUTn
––
20
µA
C
V
OUTn=14V,
V
DD=5V
(diagnosis current
off, CONREG3),
Tj=60°C
5.6.14 Leakage current of the Output Stage
I
l_OUTn
––
10
µA
C
V
OUTn=28V,
V
DD=0V, Tj=60°C
5.6.15 Leakage current of the Output Stage
I
l_OUTn
––
25
µA
C
V
OUTn=28V,
V
DD=5V
(diagnosis current
off, CONREG3),
Tj=60°C
5.6.16 Leakage current of the Output Stage
I
l_OUTn
––
20
µA
A
V
OUTn<28V,
V
DD=0V,
Tj=150°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com