Electronic Components Datasheet Search
  English  ▼

X  

TLE8718SA Datasheet(PDF) 38 Page - Infineon Technologies AG

Part # TLE8718SA
Description  Smart 18-Channel Lowside Switch with Micro Second Bus
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8718SA Datasheet(HTML) 38 Page - Infineon Technologies AG

Back Button TLE8718SA Datasheet HTML 34Page - Infineon Technologies AG TLE8718SA Datasheet HTML 35Page - Infineon Technologies AG TLE8718SA Datasheet HTML 36Page - Infineon Technologies AG TLE8718SA Datasheet HTML 37Page - Infineon Technologies AG TLE8718SA Datasheet HTML 38Page - Infineon Technologies AG TLE8718SA Datasheet HTML 39Page - Infineon Technologies AG TLE8718SA Datasheet HTML 40Page - Infineon Technologies AG TLE8718SA Datasheet HTML 41Page - Infineon Technologies AG TLE8718SA Datasheet HTML 42Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 82 page
background image
Data Sheet
38
Rev. 1.1, 2012-07-31
TLE 8718 SA
Diagnosis
Figure 10
Temperature Thresholds (see also Chapter 6)
OL or SCG is recognized using two thresholds (
V
OUTn_SCG and VOUTn_OL) and a bias voltage source with current
limit for each output.
For OUT11...OUT18 it is possible by configuration to switch off the internal diagnostic pull-down current source.
In this case diagnosis of OL is deactivated, no entry of OL into diagnostic register, even if
V
OUTn_SCG < VOUTn <
V
OUTn_OL. Diagnosis of SCG remains functional.
See Chapter 8.3 for specified values of diagnostic currents and threshold voltages.
The fault conditions SCB, SCG, OL and DOT will not be stored until an integrated filtering time (
t
DIAG_SCB, tDIAG_SCG,
t
DIAG_OL, tDIAG_OTW) has expired. If at one output, several errors occur in a sequence, the newest detected error is
stored to the diagnosis register (after filtering time).
Over Temperature Warning [TOTW],
Over Temperature Shut Down [TOTSD],
Over Temperature Shut Down Hysteresis [TOTSD_HYS],
for OUT1...18
TOTW_TOTSD_TOTSDHYST.vsd
TJ
TOTSD
TOTSD-HYS
TOTW
Case 1: TOTSD-HYS > TOTW
Case 2: TOTSD-HYS < TOTW
tOTW
DOT
„set“
OUTn
„ON“
TOTSD
TOTSD-HYS
TOTW
tOTW
t
t
Ref.
1
TJ
Ref.
2
>=1
0
0
0
TOTW
TOTW + 10K = TOTSD
DOT
&
0
0
0
„ON“
tOTW
OUTn „OFF“
DOT
„set“
OUTn
„ON“



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com