Electronic Components Datasheet Search
  English  ▼

X  

TLE8718SA Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # TLE8718SA
Description  Smart 18-Channel Lowside Switch with Micro Second Bus
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8718SA Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button TLE8718SA Datasheet HTML 2Page - Infineon Technologies AG TLE8718SA Datasheet HTML 3Page - Infineon Technologies AG TLE8718SA Datasheet HTML 4Page - Infineon Technologies AG TLE8718SA Datasheet HTML 5Page - Infineon Technologies AG TLE8718SA Datasheet HTML 6Page - Infineon Technologies AG TLE8718SA Datasheet HTML 7Page - Infineon Technologies AG TLE8718SA Datasheet HTML 8Page - Infineon Technologies AG TLE8718SA Datasheet HTML 9Page - Infineon Technologies AG TLE8718SA Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 82 page
background image
Data Sheet
6
Rev. 1.1, 2012-07-31
TLE 8718 SA
Overview
Figure 1
Output stages, functional schematic
&
n=15, 16
"Off"
"On, no delay "
"On, restart timeout "
"Keep State , restart
timeout“
DIS5_10
STAUS_UV
STATUS_OV
tDIS5_10
TOUTn_OTSD
MSC_MON
(timeout)
OUTn
ABE_STATUS
RST
VDD<VDD_POR
tDIAG_SCB
SCB
OUTn_SCB
n=5...10
OUTn_DIAC
D
R
MSC downstream
OUTn
Control
Flipflop
OUTREG
≥1
DELAYIN
Lower thresholds
DELAYOUT
DELAYIN_CONFx
DELAYIN_FIL
OUTPUT_STBY
ABE_IMPACT
tPOR
tDELRES
Discard
Restart
n=1...14, 17, 18
Output _Stages _Function _Overview.vsd
tFIL_OFF_DEL
SVBATT
tMSC_MON
EXT_SCB
OL
RES15_16
Higher thresholds
of DELAYIN
&
n=5...14
n=1…4, 15…18
OUTn_DIA1/2
tDIAG_OL
„0"
n=1…10
See „Block Diagramm V DD Monitoring“
tRST
DELAYIN_FIL
OUTn_DIA1/2
tDELAYIN_GLITCH_x
≥1
≥1
&
&
≥1
≥1
R
S
OUTn
Control
Flipflop
&
&
tOUTn_OVSD
tOUTn_OVSON
tDELAYIN_GLITCH_x
tDELAYIN_x
&
Reset
≥1
OUTn_CONTROL
OUTn_DELAY
OUTn_SCB
OUTn_DIAC
S
R
Flip
Flop
RD_DATA
OFF/ON
≥1
WR_RST
≥1
ABE
&
&
Reset
STATUS_SVBATT
DIS5_10_STATUS
DELAYIN _STATUS
RES15_16_STATUS
D
R
POR
POR_FLAG
DIAREG
6.2
≥1
≥1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com