Electronic Components Datasheet Search
  English  ▼

X  

TLE8718SA Datasheet(PDF) 18 Page - Infineon Technologies AG

Part # TLE8718SA
Description  Smart 18-Channel Lowside Switch with Micro Second Bus
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8718SA Datasheet(HTML) 18 Page - Infineon Technologies AG

Back Button TLE8718SA Datasheet HTML 14Page - Infineon Technologies AG TLE8718SA Datasheet HTML 15Page - Infineon Technologies AG TLE8718SA Datasheet HTML 16Page - Infineon Technologies AG TLE8718SA Datasheet HTML 17Page - Infineon Technologies AG TLE8718SA Datasheet HTML 18Page - Infineon Technologies AG TLE8718SA Datasheet HTML 19Page - Infineon Technologies AG TLE8718SA Datasheet HTML 20Page - Infineon Technologies AG TLE8718SA Datasheet HTML 21Page - Infineon Technologies AG TLE8718SA Datasheet HTML 22Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 82 page
background image
Data Sheet
18
Rev. 1.1, 2012-07-31
TLE 8718 SA
Power Stages
Clamping energy 3)
5.3.20 Standard operating range, max. 1000Mio
cycles
E
CL_OUTn
––
22
mJ
C
Tj
(0)=125°C,
I
OUTn(0)<1.05A
5.3.21 Jump Start, max. 0.01Mio cycles
E
CL_OUTn
––
18
mJ
C
Tj
(0)=85°C,
I
OUTn(0)<2.1A
5.3.22 Load Dump, max. 10 pulses
E
CL_OUTn
––
76
mJ
C
Tj
(0)=35°C,
I
OUTn(0)<3A
5.3.23 Load Dump, max. 10 pulses
E
CL_OUTn
––
19
mJ
C
Tj
(0)=150°C,
I
OUTn(0)<3A
Reverse current through OUTn
5.3.24 In operation mode, static, no destruction
I
R_S_OUTn
-3
–
–
A
C
Tj=150°C,V
DD=5V
5.3.25 Without supply voltage, possibly Leakage
Current out of neighbor channels.
10ms after the reverse current disappears
leakage current criteria are kept.
I
R_Soff_OUTn -3
–
–
A
C
V
DD<1V
5.3.26 In operation mode, No unwanted
switching of channels; No unwanted
Reset, No unwanted change of Voltage
Monitoring Thresholds; No unwanted
communication errors or register changes
beside diagnostic registers.
Possibly unwanted diagnostic entries.
Possibly Leakage Current out of neighbor
channels.
I
R_S_OUTn
-1.1
–
–
A
C
Tj=150°C,
V
DD=5V
1) Item 5.3.4 to Item 5.3.6 has to be considered for applications with resistive load or inductive load with external
freewheeling.
2) Item 5.3.7 to Item 5.3.9 has to be considered for applications where clamping occurs.
3) Clamping energy, Linear decreasing current, fcl<67Hz.
Table 8
Electrical Characteristics Power Stages OUT2 and OUT4
n = 2 and 4, all channels ON or OFF, nominal load conditions, 4.5V <
V
DD < 5.5V, 4.5V < VBAT < 40V, all voltages
with respect to PGND, positive current flowing into pin.,
T
j = -40°C to +150°C, unless otherwise specified
Pos.
Parameter
Symbol
Values
Unit TC Conditions
min. typ. max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com