Electronic Components Datasheet Search
  English  ▼

X  

TLE8718SA Datasheet(PDF) 32 Page - Infineon Technologies AG

Part # TLE8718SA
Description  Smart 18-Channel Lowside Switch with Micro Second Bus
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8718SA Datasheet(HTML) 32 Page - Infineon Technologies AG

Back Button TLE8718SA Datasheet HTML 28Page - Infineon Technologies AG TLE8718SA Datasheet HTML 29Page - Infineon Technologies AG TLE8718SA Datasheet HTML 30Page - Infineon Technologies AG TLE8718SA Datasheet HTML 31Page - Infineon Technologies AG TLE8718SA Datasheet HTML 32Page - Infineon Technologies AG TLE8718SA Datasheet HTML 33Page - Infineon Technologies AG TLE8718SA Datasheet HTML 34Page - Infineon Technologies AG TLE8718SA Datasheet HTML 35Page - Infineon Technologies AG TLE8718SA Datasheet HTML 36Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 82 page
background image
Data Sheet
32
Rev. 1.1, 2012-07-31
TLE 8718 SA
Device Self Protection
6
Device Self Protection
6.1
Short Circuit Protection
All PS are short circuit protected - see Chapter 4.2.
In case of a short circuit to battery voltage the output current is limited by internal current control (OUT1...18).
After a delay time (
t
DIAG_SCB) the output is turned off, if it´s configured in MSC register CONREG1, 2, OUT1516 to
switch off (OUT1-18).
6.2
Over Temperature Shut Down
If critical overtemperature (overtemperature shut down threshold
T
OUTn_OTSD) is detected in one stage the stage is
switched off to protect the circuit against damage, see logic diagram, state D (Chapter 8.3).
All self protection circuits (Short Circuit to Battery and Over Temperature Shut Down) are functional in
undervoltage and overvoltage condition from
V
DD_POR up to VDD_MR.
Registration of short circuit to battery (SCB) and overtemperature (DOT) in the diagnostic registers during
undervoltage or overvoltage condition is not guaranteed. But the stage is switched off as defined in configuration
register.
6.3
Battery Voltage Monitoring
The Battery Voltage Monitoring allows the detection of Over Voltage Conditions. In case of Over Voltage
V
SVBATT_OVSD, the monitoring shuts down the Power Stages after a delay time tOUT_OVSD. The Battery Voltage
Monitoring acts as an Enable of the Output Stages and does not clear the control bits.
This functions supports the reduction of clamping energy to be dissipated in the power stage in case of over
voltage conditions, such as Load Dumps.
Figure 7
Battery Voltage Monitoring
VSVBATT
VSVBATT_OVSD
OUT1...18
„ON“
VBATT_Mon.svg
t
tOUT_OVSD
VSVBATT_HYS
tOUT_OVSON
„OFF“
3V
18V
ISVBATT_PD
ISVBATT_PDh
t
t
ISVBATT
min
max
min
max
min
min
max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com