Electronic Components Datasheet Search
  English  ▼

X  

TLE8718SA Datasheet(PDF) 42 Page - Infineon Technologies AG

Part # TLE8718SA
Description  Smart 18-Channel Lowside Switch with Micro Second Bus
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8718SA Datasheet(HTML) 42 Page - Infineon Technologies AG

Back Button TLE8718SA Datasheet HTML 38Page - Infineon Technologies AG TLE8718SA Datasheet HTML 39Page - Infineon Technologies AG TLE8718SA Datasheet HTML 40Page - Infineon Technologies AG TLE8718SA Datasheet HTML 41Page - Infineon Technologies AG TLE8718SA Datasheet HTML 42Page - Infineon Technologies AG TLE8718SA Datasheet HTML 43Page - Infineon Technologies AG TLE8718SA Datasheet HTML 44Page - Infineon Technologies AG TLE8718SA Datasheet HTML 45Page - Infineon Technologies AG TLE8718SA Datasheet HTML 46Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 82 page
background image
Data Sheet
42
Rev. 1.1, 2012-07-31
TLE 8718 SA
Diagnosis
8.6
Timing
Figure 13
Timing and logic entry of diagnosis information to diagnosis register
Reverse Current Detection OUTn (n=1...18)
8.5.14
Reverse Current detection
voltage
V
REVCUR
-0.3
–
-0.03
V
C
–
8.5.15
Reverse Current filter time
t
REVCUR
26
–
60
µs
C
–
1)
OUTn_DIAC=’1’
Table 19
Diagnosis
4.5V <
V
DD < 5.5V, 4.5V < VBAT < 40V, all voltages with respect to PGND, positive current flowing into pin.,
T
j = -40°C to +150°C, unless otherwise specified
Pos.
Parameter
Symbol
Values
Unit TC Conditions
min.
typ.
max.
OL
SCG
t DIAG_OL
t DIAG_SCG
DIAG
11 OK
01 OL
00 SCG
RD_DATAx
t DIAG_OL
11 OK
01 OL
RD_DATAx
11 OK
OL
SCG
t DIAG_OL
t DIAG_SCG
DIAG
11 OK
00 SCG
RD_DATAx
t DIAG_OL
11 OK
01 OL
RD_DATAx
11 OK
OUTn = OFF
OUT-Voltage decreases slowly
OUTn = OFF
OUT-Voltage decreases fast
OUTn = ON to OFF
OUT-Voltage increases fast
OL
SCG
t DIAG_OL
t DIAG_SCG
DIAG
11 OK
ON
OFF
OUTn = ON to OFF
OUT-Voltage increases slow
OL
SCG
t DIAG_OL
t DIAG_SCG
DIAG
11 OK
ON
OFF
01 OL
t
Diagnosis _entry _timing.vsd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com