Electronic Components Datasheet Search
  English  ▼

X  

TLE8718SA Datasheet(PDF) 70 Page - Infineon Technologies AG

Part # TLE8718SA
Description  Smart 18-Channel Lowside Switch with Micro Second Bus
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8718SA Datasheet(HTML) 70 Page - Infineon Technologies AG

Back Button TLE8718SA Datasheet HTML 66Page - Infineon Technologies AG TLE8718SA Datasheet HTML 67Page - Infineon Technologies AG TLE8718SA Datasheet HTML 68Page - Infineon Technologies AG TLE8718SA Datasheet HTML 69Page - Infineon Technologies AG TLE8718SA Datasheet HTML 70Page - Infineon Technologies AG TLE8718SA Datasheet HTML 71Page - Infineon Technologies AG TLE8718SA Datasheet HTML 72Page - Infineon Technologies AG TLE8718SA Datasheet HTML 73Page - Infineon Technologies AG TLE8718SA Datasheet HTML 74Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 82 page
background image
Data Sheet
70
Rev. 1.1, 2012-07-31
TLE 8718 SA
Control of the device
12.2.6
OUTREG_EVEN
12.2.7
OUTREG_ODD
Table 40
OUT1516, Delay configuration
Output stage switching
OUTn_DELAY
OUTn_CONTROL Description
1
1
keep state, restart timeout counter for delayed reset behavior
0
1
switch OFF
1
0
switch ON, restart timeout counter for delayed reset behavior
0
0
switch ON, no delay
Table 41
OUTREG_EVEN
Reset sources: RST, power-on-reset, ABE, over-/undervoltage, MSC_MON, OUTPUT_STBY
Controller read access: RD_CONFIG = ’1 00001 x1xx xxxx xxx’
Controller write access: Data Frame = ’0 x UD0 x UD1 x UD2 x UD3 x UD4 x UD5 x UD6 x UD7’
UD Name
Description
Reset value
0
OUT2
‘1‘: OUTREG of OUTn is set to “ON”1)
‘0‘: OUTREG of OUTn is set to “OFF”
1) OUTREG_EVEN contains the inverted status of what is programmed via a data frame into OUTREG.
0
1OUT4
0
2OUT6
0
3OUT8
0
4OUT10
0
5OUT12
0
6OUT14
0
7OUT18
0
Table 42
OUTREG_ODD
Reset sources: RST, power-on-reset, ABE, over-/undervoltage, MSC_MON, OUTPUT_STBY
Controller read access: RD_CONFIG = ’1 00001 1xxx xxxx xxx’
Controller write access: Data Frame = ’0 UD0 x UD1 x UD2 x UD3 x UD4 x UD5 x UD6 x UD7 x’
UD Name
Description
Reset value
0
OUT1
‘1‘: OUTREG of OUTn is set to “ON”1)‘0‘: OUTREG of OUTn is set
to “OFF”
1) OUTREG_ODD contains the inverted status of what is programmed via a data frame into OUTREG.
0
1OUT3
0
2OUT5
0
3OUT7
0
4OUT9
0
5OUT11
0
6OUT13
0
7OUT17
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com