Electronic Components Datasheet Search
  English  ▼

X  

TLE8718SA Datasheet(PDF) 52 Page - Infineon Technologies AG

Part # TLE8718SA
Description  Smart 18-Channel Lowside Switch with Micro Second Bus
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8718SA Datasheet(HTML) 52 Page - Infineon Technologies AG

Back Button TLE8718SA Datasheet HTML 48Page - Infineon Technologies AG TLE8718SA Datasheet HTML 49Page - Infineon Technologies AG TLE8718SA Datasheet HTML 50Page - Infineon Technologies AG TLE8718SA Datasheet HTML 51Page - Infineon Technologies AG TLE8718SA Datasheet HTML 52Page - Infineon Technologies AG TLE8718SA Datasheet HTML 53Page - Infineon Technologies AG TLE8718SA Datasheet HTML 54Page - Infineon Technologies AG TLE8718SA Datasheet HTML 55Page - Infineon Technologies AG TLE8718SA Datasheet HTML 56Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 82 page
background image
Data Sheet
52
Rev. 1.1, 2012-07-31
TLE 8718 SA
Micro Second Channel MSC
11
Micro Second Channel MSC
Bidirectional micro second channel (MSC) is used for communication with micro controller.
Via MSC, the micro controller controls the outputs and logic of the stage device including the diagnosis and
monitoring module. Diagnosis data is requested by micro controller via downstream and returned by the device
via MSC upstream channel.
The MSC is a serial interface which is especially optimized to connect peripheral devices via serial link to micro
controller. The serial communication link is built up by a fast synchronous downstream channel from micro
controller to the stage device and an asynchronous upstream channel (referenced to downstream clock). The
downstream interface can be “low voltage differential” (FCLN, FCLP, SIN, SIP) or “single ended” (FCL, SI, SSY).
Multiple “power devices” with MSC on downstream are possible. Downstream device is selected by SSY.
The MSC logic is supplied with
V
DD and referenced to PGND.
If supply voltage of the device is below
V
DD_THL, downstream communication is possible with reduced FCL clock
frequency only. Power on reset (
V
DD<VDD_POR) disables the MSC interface.
Figure 17
MSC Interface (not tested, overview only)
MSC interface
Asynchronous /
synchronous
receive buffer
Micro controller
TLE8718SA
Downstream
Shift register
32 Bit
Select / sync input
Clock
input
Serial data
output
FCL
FCLP
FCLN
Downstream
data
Drawing9_MSC_Interface .vsd
SI
SIP
SIN
Differential
Single
ended
Differential
Single
ended
SSY
SDO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com