| Electronic Components Datasheet Search |
|
TLE8718SA Datasheet(PDF) 65 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE8718SA Datasheet(HTML) 65 Page - Infineon Technologies AG |
|
65 / 82 page ![]() TLE 8718 SA Control of the device Data Sheet 65 Rev. 1.1, 2012-07-31 The command clears the bit OUTPUT_STBY = ’0’. With OUTPUT_STBY =’1’ the output registers OUTREG of OUT1...14, 17, 18 are reset. Control of OUT15 and 16 is still possible by register OUT1516. The OUTPUT_STBY bit is set by power-on-reset or by active low signal on pin RST. Figure 25 Impact of WR_START to OUTPUT_STBY WR_START_OUTPUT_DTB.vsd COMMAND- or DATA Frame (correct length ) POR or RST DATA* tMSC _MON timer is re-triggered in-time tMSC _MON timer is not re-triggered tMSC_MON CMD** DATA DATA DIAREG6. MSC_MON *** CMD Read DIAREG 6 re-sets DIAREG6. MSC_MON DATA DATA DATA DATA CMD*** DIAREG6. OUTPUT_STBY ** CMD WR_START re-sets DIAREG6. OUTPUT_STBY OFF ON or OFF dependent on content of DATA * DATA does not influence OUTn until WR_START has been send OFF OUT1...14, 17, 18 COMMAND- or DATA Frame (correct length ) POR or RST DATA* t MSC _MON timer is re-triggered in-time tMSC _MON timer is not re-triggered tMSC_MON CMD** DATA DATA DIAREG6. MSC_MON POR or RST re -sets DIAREG6.MSC_MON DATA DATA DATA DATA DATA CMD** DIAREG6. OUTPUT_STBY ** CMD WR_START re-sets DIAREG6. OUTPUT_STBY OFF ON or OFF dependent on content of DATA * DATA does not influence OUTn until WR_START has been send OFF OUT1...14, 17, 18 OUTPUT_STBY activated OUTPUT_STBY de-activated CMD** ** CMD WR_START has no influence CMD does not re-trigger tMSC _MON CMD does not re-trigger tMSC _MON |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |