Electronic Components Datasheet Search
  English  ▼

X  

TLE8718SA Datasheet(PDF) 53 Page - Infineon Technologies AG

Part # TLE8718SA
Description  Smart 18-Channel Lowside Switch with Micro Second Bus
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8718SA Datasheet(HTML) 53 Page - Infineon Technologies AG

Back Button TLE8718SA Datasheet HTML 49Page - Infineon Technologies AG TLE8718SA Datasheet HTML 50Page - Infineon Technologies AG TLE8718SA Datasheet HTML 51Page - Infineon Technologies AG TLE8718SA Datasheet HTML 52Page - Infineon Technologies AG TLE8718SA Datasheet HTML 53Page - Infineon Technologies AG TLE8718SA Datasheet HTML 54Page - Infineon Technologies AG TLE8718SA Datasheet HTML 55Page - Infineon Technologies AG TLE8718SA Datasheet HTML 56Page - Infineon Technologies AG TLE8718SA Datasheet HTML 57Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 82 page
background image
TLE 8718 SA
Micro Second Channel MSC
Data Sheet
53
Rev. 1.1, 2012-07-31
11.1
Downstream Communication
Downstream frames are synchronous serial frames with clock and data line.
The physical interface for downstream communication can be “low voltage differential” or “single ended” type. Both
interface types are using individual pins (FCL and SI or FCLN, FCLP, SIN and SIP) and common pins (SSY and
SO). To select the interface, FLCN has to be connected either to PGND (for single ended type) or to a voltage
within the defined input voltage range (for low voltage differential type) (see Item 11.5.7). The unused pins are
connected to PGND (FCLN, FCLP, FCL, SIP, SIN) or to VDD (SI).
Differential inputs for downstream data are SIP and SIN; the differential input signal SIP – SIN is the same logical
signal as SI. The clock pins are FCLP and FCLN, the differential clock FCLP – FCLN is the same logical signal as
FCL.
There is one input for select/sync at SSY, and one output for upstream data at SDO. The stage device is always
the slave in this communication link.
The SSY signal enables receiver circuits automatically during a downstream frame transmission.
Two types of downstream frames are defined:
•
Command frames (selection bit =“1”)
•
Data frames (selection bit =“0”)
The device MSC uses non inverting polarity for SI and FCL: SI changes its state with the rising edge of FCL and
is sampled with the falling edge; a logic ‘1’ is a ‘high level’ on SI, and a logic ‘0’ is a ‘low level’ on SI. Data at SI is
latched by device on the falling edge of FCL.
The SSY input is active low during the active phases of command or data frames. An active enable signal validates
the SI input signal. Outside the active phase (SSY line is at high level) data at SI is ignored.
By this way it is possible to drive multiple “power devices” with shared FCL and SI lines and individual SSY signal.
Command frames and data frames may be sent in any sequence (with a passive phase of at least 2 FCL-cycles
after each frame).
The serial clock FCL is active (toggling) continuously (“FCL continuous mode”) even when no command frame or
data frame is transmitted. It is used to generate the upstream clock.
The clock period of FCL is defined as
t
FCL, maximum downstream clock rate is fFCLmax.
The active phase of a downstream frame starts with the falling edge of the signal on SSY and ends with the rising
edge. SSY changes its state with the rising edge of clock FCL.
After a power-on-reset or RST returns to logical high level for device normal operation, the MSC interface is fully
functional after a maximum of 8 clock pulses on FCL respectively FCLP and FCLN.
Table 22
Execution of commands
Event on MSC downstream
upstream busy
upstream idle
valid read command frame
ignored
executed
valid write command frame
executed
executed
valid data frame
accepted
accepted
invalid command frame
ignored
ignored
invalid data frame
ignored
ignored



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com