Electronic Components Datasheet Search
  English  ▼

X  

TLE8718SA Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # TLE8718SA
Description  Smart 18-Channel Lowside Switch with Micro Second Bus
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8718SA Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button TLE8718SA Datasheet HTML 7Page - Infineon Technologies AG TLE8718SA Datasheet HTML 8Page - Infineon Technologies AG TLE8718SA Datasheet HTML 9Page - Infineon Technologies AG TLE8718SA Datasheet HTML 10Page - Infineon Technologies AG TLE8718SA Datasheet HTML 11Page - Infineon Technologies AG TLE8718SA Datasheet HTML 12Page - Infineon Technologies AG TLE8718SA Datasheet HTML 13Page - Infineon Technologies AG TLE8718SA Datasheet HTML 14Page - Infineon Technologies AG TLE8718SA Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 82 page
background image
TLE 8718 SA
General Product Characteristics
Data Sheet
11
Rev. 1.1, 2012-07-31
4
General Product Characteristics
4.1
Test coverage (TC) in series production
In the standard production flow not all parameters can be covered due to technical or economic reasons. Therefore
the following test coverage classes are defined:
A) Parameter test (parameter is measured in production test)
B) Go/NoGo test (parameter within specified range is guaranteed by Go/NoGo-test in production)
C) Specified by design (covered by lab tests, not considered within the standard production flow)
The given supply voltage range is only valid as long as the related function is active. (e.g. the power stages are
shut off if VBAT > 28V. In that case, no function is available to be tested at VBAT = 40V).
4.2
Absolute Maximum Ratings
The integrated circuit will not be damaged if maximum ratings are reached. Every maximum rating is allowed to
be reached at the same time, as long as no other maximum rating is exceeded. But see Item Note:
Unless otherwise indicated all voltages are referred to PGND (all PGND and GNDABE are externally connected
to each other) Positive current flows into the pin.
Table 3
Maximum Ratings
T
j = -40°C to +150°C, all voltages with respect to PGND, positive current flowing into pin, unless otherwise
specified
Pos. Parameter
Symbol
Values
Unit TC Conditions
min.
max.
Supply and Power Pins
4.2.1 Supply Voltage Range
pin VDD, static
V
DD_MR
-0.3
36
V
C
–
4.2.2 Battery Voltage
stages output pins via load
V
BAT_MR
-1
40
V
C
–
4.2.3 Total current over the PGND
I
PGND_MR
-38
38
A
C
–
4.2.4 Ground Voltage Offset
maximum permissible offset
between GNDABE and the PGND
d
V
GND_MR
-0.3
0.3
V
C
–
4.2.5 Output Stages
static voltage OUTn (n=1...18)
V
OUTn_MR
-0.3
50
V
C
OUTn OFF
4.2.6 Short Circuit to VBAT
(single event)
V
BAT_SC
-0.3
36
V
C
OUTn (n=1...18),
Figure 4
Interface and Logic
4.2.7 Logic Input Pins
SIP, SIN, SI,
FCLP, FCLN, FCL,
SSY, DIS5_10, RST
V
SIP_MR, VSIN_MR,
V
SI_MR, VFCLP_MR,
V
FCLN_MR, VFCL_MR,
V
SSY_MR, VDIS5_10_MR,
V
RST_MR
-0.3
36
V
C
–
4.2.8 Bidirectional Pin ABE
V
ABE_MR
-0.3
36
V
C
–
4.2.9 Output Pins
DELAYOUT, SDO
V
DELAYOUT_MR,
V
SDO_MR
-0.3
36
V
C
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com