Electronic Components Datasheet Search
  English  ▼

X  

TLE8718SA Datasheet(PDF) 40 Page - Infineon Technologies AG

Part # TLE8718SA
Description  Smart 18-Channel Lowside Switch with Micro Second Bus
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8718SA Datasheet(HTML) 40 Page - Infineon Technologies AG

Back Button TLE8718SA Datasheet HTML 36Page - Infineon Technologies AG TLE8718SA Datasheet HTML 37Page - Infineon Technologies AG TLE8718SA Datasheet HTML 38Page - Infineon Technologies AG TLE8718SA Datasheet HTML 39Page - Infineon Technologies AG TLE8718SA Datasheet HTML 40Page - Infineon Technologies AG TLE8718SA Datasheet HTML 41Page - Infineon Technologies AG TLE8718SA Datasheet HTML 42Page - Infineon Technologies AG TLE8718SA Datasheet HTML 43Page - Infineon Technologies AG TLE8718SA Datasheet HTML 44Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 82 page
background image
Data Sheet
40
Rev. 1.1, 2012-07-31
TLE 8718 SA
Diagnosis
8.3
State Diagram of the Device Diagnosis
Figure 12
State diagram of the device diagnosis (not tested, overview only)
Outputs are switched inactive if
V
DD is out of range or RST respectively ABE is externally pulled low. After a reset
the stages start in state A (OFF state). If a stage is getting overheated above the overtemperature shutdown
threshold (
T
OUTn_OTSD, Item 6.4.1) it is entering state D (switched off for self protection) independent from its
current state. Leaving this state is only possible if temperature falls below Self Protection Temperature Hysteresis
(
T
OUTn_OTSDHYS, Item 6.4.2).
SCB
n=1..4, 15..18
and 5..14 if
EXT_SCB=0
State B
ON
current internally limited to
OUTn MAX
Control = On
OUTn = On
State C
OFF forced
byshort circuit
Control = On
OUTn = Off
State D
Overtemperature
self protection OFF
Control = x
OUTn = Off
State A
OFF
Control = Off
OUTn = Off
SCG
SCG
OTSD
SCB
Configuration:
switch OFF on SCB
below TOUTn_OTSDHYSand Control=OFF
Control=ON
OTSD
OTSD
Drawing7_State _Diagram .vsd
no
OTW
OTW
Fault entry
11 (no fault)
Fault entry
01 (OL)
Fault entry
11 (no fault)
Fault entry
10 (DOT)
Fault entry
10 (DOT)
Fault entry
10 (DOT)
Fault entry
10 (SCB)
tDIAG_OL
tDIAG_SCG
tDIAG_SCB
tOUTn_OTW
tOUTn_OTW
Control=OFF
RD_DATA
WR_RST
Fault entry
11 (no fault)
RD_DATA
WR_RST
Fault entry
10 (DOT)
Fault entry
00 (SCG)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com