Electronic Components Datasheet Search
  English  ▼

X  

TLE8718SA Datasheet(PDF) 46 Page - Infineon Technologies AG

Part # TLE8718SA
Description  Smart 18-Channel Lowside Switch with Micro Second Bus
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8718SA Datasheet(HTML) 46 Page - Infineon Technologies AG

Back Button TLE8718SA Datasheet HTML 42Page - Infineon Technologies AG TLE8718SA Datasheet HTML 43Page - Infineon Technologies AG TLE8718SA Datasheet HTML 44Page - Infineon Technologies AG TLE8718SA Datasheet HTML 45Page - Infineon Technologies AG TLE8718SA Datasheet HTML 46Page - Infineon Technologies AG TLE8718SA Datasheet HTML 47Page - Infineon Technologies AG TLE8718SA Datasheet HTML 48Page - Infineon Technologies AG TLE8718SA Datasheet HTML 49Page - Infineon Technologies AG TLE8718SA Datasheet HTML 50Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 82 page
background image
Data Sheet
46
Rev. 1.1, 2012-07-31
TLE 8718 SA
Supply, VDD Monitoring, Reset and ABE
9.5
ABE Pin
ABE is functional as input and output.
During a low on pin ABE (pulled low by the internal open drain device or forced low by an external source), the
output registers are cleared to ‘1’ switching off outputs OUT1…OUT14, OUT17, OUT18. Behavior of OUT15 and
OUT16 depends on configuration register settings. Programmable filter times apply. See Figure 1 and Figure 16
for details.
9.6
Testing of VDD Monitoring
Figure 16
Block Diagram of VDD Monitoring
The stages are switched off if under- or overvoltage is detected in any case OUT15,16 might be delayed,
dependent on register OUT1516.
9.7
Testing procedure of VDD Monitoring in the application
Testing upper threshold in application (VDD is 5V):
By writing xxxxx00xb into CONREG4, the overvoltage threshold is reduced to
V
TEST_THH. In DIAREG7 bit 5 and 7
have to be LOW then. After writing xxxxx1x0b to CONREG4, bit 5 and 7 in DIAREG7 must be HIGH again.
Testing lower threshold in application (VDD is 5V):
By writing xxxxx01xb into CONREG4, the undervoltage threshold is increased to
V
TEST_THL. In DIAREG7 bit 6 and
7 have to be LOW then. After writing xxxxx1xxb to CONREG4, bit 6 and 7 in DIAREG7 must be HIGH again.
+
-
S Q
R
Set dominant
Internal
reference
VDD
&
Power On
Reset
ABE
VDD
PGND
1
&
bit #7
#6
#5
DIAREG7
Hyster-
esis
Under
voltage
= „L“
Over
voltage
= „L“
CONREG 4
bit #6 #5
Test overvoltage threshold
Test undervoltage threshold
default, normal operation
CONREG4
bit #7
(MON_LATCH)
1
DIAREG6
bit #3
GNDABE
+
-
„H“ = switches OFF
OUTn
0
0
1
0
1
x
tFIL_ON
tFIL_OFF
tFIL_ON
tFIL_OFF
tABE
CONREG4.
ABE_IMPACT
tFIL_OFF_DEL
Drawing19_VDD_monitoring.vsd
ABE_STATUS
STATUS_UV
STATUS_OV
GNDABE
1
0
1
0
≥1
≥1
Power On
Reset
RST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com