Electronic Components Datasheet Search
  English  ▼

X  

TLE8718SA Datasheet(PDF) 41 Page - Infineon Technologies AG

Part # TLE8718SA
Description  Smart 18-Channel Lowside Switch with Micro Second Bus
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8718SA Datasheet(HTML) 41 Page - Infineon Technologies AG

Back Button TLE8718SA Datasheet HTML 37Page - Infineon Technologies AG TLE8718SA Datasheet HTML 38Page - Infineon Technologies AG TLE8718SA Datasheet HTML 39Page - Infineon Technologies AG TLE8718SA Datasheet HTML 40Page - Infineon Technologies AG TLE8718SA Datasheet HTML 41Page - Infineon Technologies AG TLE8718SA Datasheet HTML 42Page - Infineon Technologies AG TLE8718SA Datasheet HTML 43Page - Infineon Technologies AG TLE8718SA Datasheet HTML 44Page - Infineon Technologies AG TLE8718SA Datasheet HTML 45Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 82 page
background image
TLE 8718 SA
Diagnosis
Data Sheet
41
Rev. 1.1, 2012-07-31
8.4
Reset of the Diagnostic Information
The diagnostic registers are set to its reset value individually at readout by their RD_DATA command, or all
together by WR_RST command, POR or RST.
At the same time, the filters
t
DIAG_SCB, tDIAG_SCG, tDIAG_OL are re-set. The filter tDIAG_OTW is not re-set.
In the case a stage is shut off because of SCB, by readout of the diagnostic information via RD_DATA instruction
the DIAREGx entry is cleared and output is activated again. Because SCB could only be detected when the stage
is switched on, the output is activated and shut off again after the shutoff delay, if SCB condition is still existent.
Some register bits are not cleared by read-out or reset, see tables in Chapter 12.2.
8.5
Electrical Characteristics
Table 19
Diagnosis
4.5V <
V
DD < 5.5V, 4.5V < VBAT < 40V, all voltages with respect to PGND, positive current flowing into pin.,
T
j = -40°C to +150°C, unless otherwise specified
Pos.
Parameter
Symbol
Values
Unit TC Conditions
min.
typ.
max.
Diagnosis filter time, delay time fault condition to switch off, OUTn (n=1...18)
8.5.1
Overtemperature Warning
t
DIAG_OTW
15
–
30
µs
C
–
8.5.2
Short to Battery Voltage
t
DIAG_SCB
60
–
135
µs
B
–
8.5.3
Short to Ground
t
DIAG_SCG
60
–
135
µs
B
–
8.5.4
Open Load
t
DIAG_OL
60
–
135
µs
B
–
8.5.5
Diagnosis Fault entry delay, delay
time after diagnosis filter time has
expired until fault entry is stored in
corresponding diagnostic register
t
DIAG_DELAY
0–5
µs
C
–
8.5.6
Overtemperature warning
diagnosis threshold
T
OUTn_OTW
150
–
190
°C
C
–
8.5.7
Short circuit to ground diagnosis
threshold
V
OUTn_SCG
0.6*
V
DD
-0.2
–0.6*
V
DD
+0.2
VB
–
8.5.8
Open load diagnosis threshold
stage disabled
V
OUTn_OL
V
DD-0.2
–
V
DD+0.3
V
B
1)
8.5.9
Diagnostic bias voltage stage
disabled
V
OUTn_BIAS
0.7*
V
DD
-0.2
–0.7*
V
DD
+0.2
VA
1)
Diagnostic current of OUTn 1)
8.5.10
Diagnostic pull down current
I
OUTn_DIA_P
270
–
550
µA
A
V
OUTn=14V
8.5.11
Diagnostic pull down current
I
OUTn_DIA_P
220
–
550
µA
C
V
OUTn_OL<
V
OUTn<VBAT
8.5.12
Diagnostic pull up current
I
OUTn_DIA_N
-300
–
-100
µA
A
V
OUTn=0V
8.5.13
Diagnostic pull up current
I
OUTn_DIA_N
-300
–
-100
µA
C
0V<
V
OUTn
<
V
OUTn_SCG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com