Electronic Components Datasheet Search
  English  ▼

X  

TLE8718SA Datasheet(PDF) 51 Page - Infineon Technologies AG

Part # TLE8718SA
Description  Smart 18-Channel Lowside Switch with Micro Second Bus
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8718SA Datasheet(HTML) 51 Page - Infineon Technologies AG

Back Button TLE8718SA Datasheet HTML 47Page - Infineon Technologies AG TLE8718SA Datasheet HTML 48Page - Infineon Technologies AG TLE8718SA Datasheet HTML 49Page - Infineon Technologies AG TLE8718SA Datasheet HTML 50Page - Infineon Technologies AG TLE8718SA Datasheet HTML 51Page - Infineon Technologies AG TLE8718SA Datasheet HTML 52Page - Infineon Technologies AG TLE8718SA Datasheet HTML 53Page - Infineon Technologies AG TLE8718SA Datasheet HTML 54Page - Infineon Technologies AG TLE8718SA Datasheet HTML 55Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 82 page
background image
TLE 8718 SA
Device Logic Behavior
Data Sheet
51
Rev. 1.1, 2012-07-31
OTW
data
entry
––––
–
–
–
–
–
–
OTSD
10)
–––disable
disable
–
–
–
–
–
REVCUR_FLAG
data
entry
––––
–
–
–
–
–
–
Timeout counter expired
MSC timeout
counter
data
entry
–reset reset
6)
disable7)
disable 6)
–
expired –––
OUT1516 delay
timer
–––reset
11)
–
disable 6)11)
expired –
–––
1) Outputs which have been switched off by SCB are switched on until SCB is detected again
2) Only DIAREG1...5 are reset, DIAREG6 and DIAREG7 remain unchanged
3) Switching on respectively restarting delay timer only in failure free condition
4) Thresholds VDELAYIN_L and VDELAYIN_H
5) Thresholds VDELAYIN_RES15_16_L and VDELAYIN_RES15_16_H
6) OUT1516 reset and stages are disabled after delay time (OUT15, OUT16 may be configured to long delay)
7) OUTREG reset and stages are disabled because control register is reset
8) communication stopped
9) before tMSC_mon a data frame must be received, otherwise DIAREG6 must be read out to clear MSC_MON failure bit.
10) OTW still active in OTSD, no new diagnostic entry when changing from OTW to OTSD
11) Only if this timer has expired and failure occurs
Description:
– : no influence
x : influence possible, refer to corresponding chapter in this specification
Table 21
Device Logic Behavior
Registers
Output Stages
Others



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com