Electronic Components Datasheet Search
  English  ▼

X  

TLE8718SA Datasheet(PDF) 45 Page - Infineon Technologies AG

Part # TLE8718SA
Description  Smart 18-Channel Lowside Switch with Micro Second Bus
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8718SA Datasheet(HTML) 45 Page - Infineon Technologies AG

Back Button TLE8718SA Datasheet HTML 41Page - Infineon Technologies AG TLE8718SA Datasheet HTML 42Page - Infineon Technologies AG TLE8718SA Datasheet HTML 43Page - Infineon Technologies AG TLE8718SA Datasheet HTML 44Page - Infineon Technologies AG TLE8718SA Datasheet HTML 45Page - Infineon Technologies AG TLE8718SA Datasheet HTML 46Page - Infineon Technologies AG TLE8718SA Datasheet HTML 47Page - Infineon Technologies AG TLE8718SA Datasheet HTML 48Page - Infineon Technologies AG TLE8718SA Datasheet HTML 49Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 82 page
background image
TLE 8718 SA
Supply, VDD Monitoring, Reset and ABE
Data Sheet
45
Rev. 1.1, 2012-07-31
9.4
Thresholds
Figure 15
Operating Supply Range
Device
overall
VDD
Monitoring
Output
stages
MSC
function
0V
VDD
Reset
logic
Drawing18_Supply _Range .vsd
A) Switching OUT1...14, 17, 18 OFF after tFIL_OFF
B) Switching OUT15, 16 OFF after tFIL_OFF or tDELRES if configured to delayed reset behavior via OUT 1516
* Refered to GNDABE
VDD_MR_max
VDD_max
VDD_THH
VDD_min
VDD_THL
VDD_POR
VDD_RES
VDD_MR_min
36V
5.5V
5.25...5.5V*
4.2...4.4V*
4.5V
3...3.5V
2.5V
-0.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com