Electronic Components Datasheet Search
  English  ▼

X  

TLE8718SA Datasheet(PDF) 14 Page - Infineon Technologies AG

Part # TLE8718SA
Description  Smart 18-Channel Lowside Switch with Micro Second Bus
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8718SA Datasheet(HTML) 14 Page - Infineon Technologies AG

Back Button TLE8718SA Datasheet HTML 10Page - Infineon Technologies AG TLE8718SA Datasheet HTML 11Page - Infineon Technologies AG TLE8718SA Datasheet HTML 12Page - Infineon Technologies AG TLE8718SA Datasheet HTML 13Page - Infineon Technologies AG TLE8718SA Datasheet HTML 14Page - Infineon Technologies AG TLE8718SA Datasheet HTML 15Page - Infineon Technologies AG TLE8718SA Datasheet HTML 16Page - Infineon Technologies AG TLE8718SA Datasheet HTML 17Page - Infineon Technologies AG TLE8718SA Datasheet HTML 18Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 82 page
background image
Data Sheet
14
Rev. 1.1, 2012-07-31
TLE 8718 SA
General Product Characteristics
4.4
ESD
Of the various ESD models, the integrated circuit meets at least the “human body model” according to the
requirements of the EIA/JESD22-A114-F. During manufacturing process, ESD pulses according to "charged
device model" (EIA/JESD22-C101-D) may be exposed to each pin. ESD Specification Details in the following
Table.
4.5
Operating Range
Table 5
ESD Susceptibility
T
j = -40°C to +150°C, all voltages with respect to PGND, positive current flowing into pin, unless otherwise
specified
Pos.
Parameter
Symbol
Values
Unit TC Conditions
min.
typ.
max.
Standard Requirements for all Pins
4.4.1
Electro Static Discharge Voltage
“Human-Body-Model – HBM”
V
ESD1
-2
–
2
kV
C
All Pins
4.4.2
Electro Static Discharge Voltage
“Charged-Device-Model – CDM”
V
ESD2
-500
–
500
V
C
All Pins
Pins with Extended Requirements
4.4.3
Electro Static Discharge Voltage
“Human-Body-Model – HBM”
V
ESD3
-6
–
6
kV
C
OUT1…14
vs. PGND
4.4.4
Electro Static Discharge Voltage
“Human-Body-Model – HBM”
V
ESD4
-4
–
4
kV
C
OUT15…18
vs. PGND
Table 6
Operating Range
T
j = -40°C to +150°C, all voltages with respect to PGND, positive current flowing into pin, unless otherwise
specified
Pos.
Parameter
Symbol
Values
Unit TC
Conditions
min.
max.
Supply, Battery Voltage
4.5.1
Supply Voltage Range
V
DD
4.5
5.5
V
C
–
4.5.2
Battery Voltage
V
BAT(typ)
13.5
V
C
–
4.5.3
Nominal Total PGND Current
I
PGND(typ)
-12
0
A
C
1)
1) Total PGND current influences e.g. the RON-measurement of the Power Stages or voltage thresholds of the input buffers
because of common PGND bond wires. As basis for definition of the RON or the voltage thresholds, the defined PGND
current is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com