Electronic Components Datasheet Search
  English  ▼

X  

TLE8718SA Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # TLE8718SA
Description  Smart 18-Channel Lowside Switch with Micro Second Bus
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8718SA Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button TLE8718SA Datasheet HTML 6Page - Infineon Technologies AG TLE8718SA Datasheet HTML 7Page - Infineon Technologies AG TLE8718SA Datasheet HTML 8Page - Infineon Technologies AG TLE8718SA Datasheet HTML 9Page - Infineon Technologies AG TLE8718SA Datasheet HTML 10Page - Infineon Technologies AG TLE8718SA Datasheet HTML 11Page - Infineon Technologies AG TLE8718SA Datasheet HTML 12Page - Infineon Technologies AG TLE8718SA Datasheet HTML 13Page - Infineon Technologies AG TLE8718SA Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 82 page
background image
Data Sheet
10
Rev. 1.1, 2012-07-31
TLE 8718 SA
Pin Configuration
3.3
Abbreviations
23
RST
Reset input (active low, internal pull-up). Shuts down all stages regardless of their
input signals. Clears the fault registers and resets the MSC interface registers
(partially).
10
SVBATT
Sense Battery Voltage Monitoring Pin. Connect to VBAT. Used to activate factory test
mode. See Chapter 6.4.
Slug
PGND
Power Ground. Internally used as PGND. Analogue circuits except VDD-monitoring
refer to PGND. Connect to Ground.
1) Pin1 and Pin2 have to be connected together without any parasitic resistor
2) Pin17 and Pin18 have to be connected together without any parasitic resistor in between.
Table 2
Abbreviations
ABE
“ABschaltung Endstufen” (switch off output stages)
C
Command bit
CD
Command data bit
DC
Don´t care bit
DOT
Diagnosis overtemperature
LVDS
Low voltage differential signal
MSC
Micro Second Channel
NCB
Number of bits of the active phase of a command frame
NDB
Number of bits of the active phase of a data frame
OL
Open Load (diagnostic stage information)
OTSD
Over Temperature Shut Down (threshold to shut down stages for device self
protection)
OTW
Over Temperature Warning (diagnostic information)
POR
Power On Reset, including filter time tPOR
PS
Power Stage(s)
RST
ReSeT input pin
SCB
Short Circuit to Battery (diagnostic stage information)
SCG
Short Circuit to Ground (diagnostic stage information)
SSY
Select / SYnc signal for MSC communication
SB
Selection bit
TC
Test coverage
UD
Upstream data bit
Pin
Symbol
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com