Electronic Components Datasheet Search
  English  ▼

X  

TLE8718SA Datasheet(PDF) 20 Page - Infineon Technologies AG

Part # TLE8718SA
Description  Smart 18-Channel Lowside Switch with Micro Second Bus
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8718SA Datasheet(HTML) 20 Page - Infineon Technologies AG

Back Button TLE8718SA Datasheet HTML 16Page - Infineon Technologies AG TLE8718SA Datasheet HTML 17Page - Infineon Technologies AG TLE8718SA Datasheet HTML 18Page - Infineon Technologies AG TLE8718SA Datasheet HTML 19Page - Infineon Technologies AG TLE8718SA Datasheet HTML 20Page - Infineon Technologies AG TLE8718SA Datasheet HTML 21Page - Infineon Technologies AG TLE8718SA Datasheet HTML 22Page - Infineon Technologies AG TLE8718SA Datasheet HTML 23Page - Infineon Technologies AG TLE8718SA Datasheet HTML 24Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 82 page
background image
Data Sheet
20
Rev. 1.1, 2012-07-31
TLE 8718 SA
Power Stages
5.4.19 Standard operating range, max. 648Mio
cycles
E
CL_OUTn
––
4mJ
C
Tj
(0)=125°C,
I
OUTn(0)<1.4A
5.4.20 Standard operating range, max. 96Mio
cycles
E
CL_OUTn
––
3mJ
C
Tj
(0)=140°C,
I
OUTn(0)<1A
5.4.21 Standard operating range, max. 4Mio
cycles
E
CL_OUTn
––
3mJ
C
Tj
(0)=150°C,
I
OUTn(0)<1A
5.4.22 Generator defect, max. 0.5Mio cycles, or
Item 5.4.23
E
CL_OUTn
––
9mJ
C
Tj
(0)=35°C,
I
OUTn(0)<2A
5.4.23 Generator defect, max. 0.5Mio cycles
E
CL_OUTn
––
5mJ
C
Tj
(0)=145°C,
I
OUTn(0)<1.5A
5.4.24 Jump start, max. 0.021Mio cycles, or
Item 5.4.25
E
CL_OUTn
––
17.5
mJ
C
Tj
(0)=35°C,
I
OUTn(0)<3A
2)
5.4.25 Jump start, max. 0.021Mio cycles
E
CL_OUTn
––
10
mJ
C
Tj
(0)=85°C,
I
OUTn(0)<2.3A
2)
5.4.26 Load dump, max. 10 pulses, or
Item 5.4.27
E
CL_OUTn
––
35
mJ
C
Tj
(0)=85°C,
I
OUTn(0)<2.1A
5.4.27 Load dump, max. 10 pulses
E
CL_OUTn
––
20
mJ
C
Tj
(0)=145°C,
I
OUTn(0)<2.1A
5.4.28 Load dump, max. 10 pulses, or
Item 5.4.29
E
CL_OUTn
––
21
mJ
C
Tj
(0)=85°C,
I
OUTn(0)<3.3A
2)
5.4.29 Load dump, max. 10 pulses
E
CL_OUTn
––
18
mJ
C
Tj
(0)=145°C,
I
OUTn(0)<2.4A
2)
Reverse current through OUTn
5.4.30 In operation mode, static, no destruction
I
R_S_OUTn
-2.2
–
–
A
C
Tj=150°C,V
DD=5V
5.4.31 Without supply voltage, possibly Leakage
Current out of neighbor channels.
10ms after the reverse current disappears
leakage current criteria are kept.
I
R_Soff_OUTn -2.2
–
–
A
C
V
DD<1V
5.4.32 In operation mode, No unwanted
switching of channels; No unwanted
Reset, No unwanted change of Voltage
Monitoring Thresholds; No unwanted
communication errors or register changes
beside diagnostic registers.
Possibly unwanted diagnostic entries.
Possibly Leakage Current out of neighbor
channels.
I
R_S_OUTn
-1
–
–
A
C
Tj=150°C,
V
DD=5V
1) Clamping energy, Linear decreasing current, fcl<67Hz.
2) PS might switch off to limit the current before reaching the given IOUTn due to reaching IOUTn_max.
Table 9
Electrical Characteristics Power Stages OUT5...OUT8
n = 5...8, all channels ON or OFF, nominal load conditions, 4.5V <
V
DD < 5.5V, 4.5V < VBAT < 40V, all voltages with
respect to PGND, positive current flowing into pin.,
T
j = -40°C to +150°C, unless otherwise specified
Pos.
Parameter
Symbol
Values
Unit TC Conditions
min. typ. max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com