Electronic Components Datasheet Search
  English  ▼

X  

TLE8718SA Datasheet(PDF) 24 Page - Infineon Technologies AG

Part # TLE8718SA
Description  Smart 18-Channel Lowside Switch with Micro Second Bus
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8718SA Datasheet(HTML) 24 Page - Infineon Technologies AG

Back Button TLE8718SA Datasheet HTML 20Page - Infineon Technologies AG TLE8718SA Datasheet HTML 21Page - Infineon Technologies AG TLE8718SA Datasheet HTML 22Page - Infineon Technologies AG TLE8718SA Datasheet HTML 23Page - Infineon Technologies AG TLE8718SA Datasheet HTML 24Page - Infineon Technologies AG TLE8718SA Datasheet HTML 25Page - Infineon Technologies AG TLE8718SA Datasheet HTML 26Page - Infineon Technologies AG TLE8718SA Datasheet HTML 27Page - Infineon Technologies AG TLE8718SA Datasheet HTML 28Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 82 page
background image
Data Sheet
24
Rev. 1.1, 2012-07-31
TLE 8718 SA
Power Stages
5.6.17 Leakage current of the Output Stage
I
l_OUTn
––
35
µA
A
V
OUTn<28V,
V
DD=5V
(diagnosis current
off, CONREG3),
Tj=150°C
Clamping voltage
5.6.18 Clamping voltage
V
CL_n
50
–
60
V
C
I
OUTn=2.2A
5.6.19 Clamping voltage
V
CL_n
50
–
60
V
A
I
OUTn=0.2A
Clamping energy 1)
5.6.20 Standard operating range, max. 18Mio
cycles
E
CL_OUTn
––
18
mJ
C
Tj
(0)=35°C,
I
OUTn(0)<1.5A
5.6.21 Standard operating range, max. 520Mio
cycles
E
CL_OUTn
––
9
mJ
C
Tj
(0)=125°C,
I
OUTn(0)<1.2A
5.6.22 Standard operating range, max. 120Mio
cycles
E
CL_OUTn
––
7
mJ
C
Tj
(0)=140°C,
I
OUTn(0)<1A
5.6.23 Standard operating range, max. 13Mio
cycles
E
CL_OUTn
––
7
mJ
C
Tj
(0)=150°C,
I
OUTn(0)<1A
5.6.24 Generator defect, max. 0.25Mio cycles or
Item 5.6.25
E
CL_OUTn
––
23
mJ
C
Tj
(0)=35°C,
I
OUTn(0)<1.6A
5.6.25 Generator defect, max. 0.25Mio cycles
E
CL_OUTn
––
11
mJ
C
Tj
(0)=145°C,
I
OUTn(0)<1.1A
5.6.26 Jump start, max. 0.02Mio cycles, or
Item 5.6.27
E
CL_OUTn
––
35
mJ
C
Tj
(0)=35°C,
I
OUTn(0)<2.2A
5.6.27 Jump start, max. 0.02Mio cycles
E
CL_OUTn
––
17
mJ
C
Tj
(0)=85°C,
I
OUTn(0)<1.8A
5.6.28 Load dump, max. 10 pulses, or
Item 5.6.29
E
CL_OUTn
––
50
mJ
C
Tj
(0)=35°C,
I
OUTn(0)<2.3
2)
5.6.29 Load dump, max. 10 pulses
E
CL_OUTn
––
30
mJ
C
Tj
(0)=145°C,
I
OUTn(0)<1.3A
5.6.30 Load dump, max. 10 pulses, or
Item 5.6.31
E
CL_OUTn
––
33
mJ
C
Tj
(0)=35°C,
I
OUTn(0)<3.5A
2)
5.6.31 Load dump, max. 10 pulses
E
CL_OUTn
––
18
mJ
C
Tj
(0)=145°C,
I
OUTn(0)<2A
Table 11
Electrical Characteristics Power Stages OUT11...OUT14
n = 11...14, all channels ON or OFF, nominal load conditions, 4.5V <
V
DD < 5.5V, 4.5V < VBAT < 40V, all voltages
with respect to PGND, positive current flowing into pin.,
T
j = -40°C to +150°C, unless otherwise specified
Pos.
Parameter
Symbol
Values
Unit TC Conditions
min. typ. max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com