Electronic Components Datasheet Search
  English  ▼

X  

TLE8718SA Datasheet(PDF) 57 Page - Infineon Technologies AG

Part # TLE8718SA
Description  Smart 18-Channel Lowside Switch with Micro Second Bus
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8718SA Datasheet(HTML) 57 Page - Infineon Technologies AG

Back Button TLE8718SA Datasheet HTML 53Page - Infineon Technologies AG TLE8718SA Datasheet HTML 54Page - Infineon Technologies AG TLE8718SA Datasheet HTML 55Page - Infineon Technologies AG TLE8718SA Datasheet HTML 56Page - Infineon Technologies AG TLE8718SA Datasheet HTML 57Page - Infineon Technologies AG TLE8718SA Datasheet HTML 58Page - Infineon Technologies AG TLE8718SA Datasheet HTML 59Page - Infineon Technologies AG TLE8718SA Datasheet HTML 60Page - Infineon Technologies AG TLE8718SA Datasheet HTML 61Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 82 page
background image
TLE 8718 SA
Micro Second Channel MSC
Data Sheet
57
Rev. 1.1, 2012-07-31
11.2
Upstream Communication
The serial data output [SDO] is the synchronous serial data signal of the upstream channel.
The polarity for [SDO] is ‘non inverting polarity‘– i.e. a low level bit at [SDO] is stored in the micro controller as a
logic ‘0‘, and a high level bit at [SDO] is stored in the micro controller as a logic ‘1‘.
Figure 21
MSC upstream communication (not tested, overview only, Single Ended)
The serial data output (SDO) is single-ended.
The frequency for SDO is derived from FCL (or FCLN/FCLP) by an internal divider and can be configured via MSC.
Figure 22
MSC upstream frame
Transmission of the registers via upstream starts within
t
MSC_RSP after read command has been received. If a read
command is received the device will ignore further read commands until the upstream data transfer is finished. A
new read command is accepted if the rising edge SSY arrives after the last stop bit has been sent. Write
commands or data frames are executed independently of ongoing read requests. If the write command is changing
the register which is in transmission, the old register content will be sent (see Figure 22).
Table 25
Upstream frame
Bit
description
0
start bit, always ‘0’
1-8
upstream data bits UD0...7
9
parity bit (The parity bit is set in order to achieve an even number of ‘1’ in Bits
UD0...7+Parity)
10, 11, 12
stop bits, always ‘1’
Downstream
Channel
Divider
Upstream
Channel
Divider
Shift
Control
TLE8718SA
SO
FCL
SDO
SI
Micro controller
FCL
SI
Drawing13_MSC upstream communication .vsd
Drawing14_MSC upstream frame .vsd
SSY
SO
fSDO
8 bit data field
tMSC_RSP
Read request for 1 register
read requests are ignored during a running upstream
,
write requests and data frames are executed
tMSC_RSP
13 bit upstream data frame
Start
bit
UD0
LSB
UD1 UD2 UD3 UD4 UD5 UD6
UD7
MSB
Parity
Stop
bit
Stop
bit
Stop
bit
Start
bit
UD0
LSB
UD1 UD2 UD3 UD4 UD5 UD6
UD7
MSB
Parity
Stop
bit
Stop
bit
Stop
bit
13 bit upstream data frame
Read request for 2 registers
13 bit upstream data frame
Start
bit
UD0
LSB
UD1 UD2 UD3 UD4 UD5 UD6
UD7
MSB
Parity
Stop
bit
Stop
bit
Stop
bit
During tMSC_RSP all requested registers are copied into a shadow register from where
they are upstreamed via SDO.
Requested diagnostic registers are deleted after they are copied to the shadow register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com