Electronic Components Datasheet Search
  English  ▼

X  

TLE8718SA Datasheet(PDF) 61 Page - Infineon Technologies AG

Part # TLE8718SA
Description  Smart 18-Channel Lowside Switch with Micro Second Bus
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8718SA Datasheet(HTML) 61 Page - Infineon Technologies AG

Back Button TLE8718SA Datasheet HTML 57Page - Infineon Technologies AG TLE8718SA Datasheet HTML 58Page - Infineon Technologies AG TLE8718SA Datasheet HTML 59Page - Infineon Technologies AG TLE8718SA Datasheet HTML 60Page - Infineon Technologies AG TLE8718SA Datasheet HTML 61Page - Infineon Technologies AG TLE8718SA Datasheet HTML 62Page - Infineon Technologies AG TLE8718SA Datasheet HTML 63Page - Infineon Technologies AG TLE8718SA Datasheet HTML 64Page - Infineon Technologies AG TLE8718SA Datasheet HTML 65Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 82 page
background image
TLE 8718 SA
Micro Second Channel MSC
Data Sheet
61
Rev. 1.1, 2012-07-31
Timing Characteristics 3)
11.5.39 Data hold time
t
hold
10
–
–
ns
C
–
11.5.40 Data Setup time
t
setup
10
–
–
ns
C
–
11.5.41 Switching time
t
switch
––
3
ns
C
–
11.5.42 FCL low time
t
FCLlow
13
–
–
ns
C
–
11.5.43 FCL high time
t
FCLhigh
13
–
–
ns
C
–
11.5.44 SSY setup time
t
SSYsetup
5–
–
ns
C
–
11.5.45 SSY hold time
t
SSYhold
17
–
–
ns
C
–
11.5.46 MSC data timeout monitoring
t
MSC_mon
60
–
135
µs
B
–
11.5.47 MSC upstream response time; up-
stream divider independent
(CONREG4_FCL_CONFx)
t
MSC_RSP
––
100
µs
C
f
FCL or
f
FCLx=4MHz
11.5.48 Required idle time after command
t
CPP
2/
f
FCL
(2 clock
pulses)
––
s
C
–
11.5.49 Required idle time after data frame
t
DPP
2/
f
FCL
(2 clock
pulses)
––
s
C
–
1) Integrated protection functions are designed to prevent IC destruction under fault conditions. Fault conditions are
considered as “outside” normal operating range. Protection functions are not designed for continuous or repetitive
operation. Application must take care, that current into this pin does not exceed 15mA.
2) SDO as Output is not active
3) See Figure 19, Figure 20 and Figure 23.
Table 26
Micro Second Channel
4.5V <
V
DD < 5.5V, 4.5V < VBAT < 40V, all voltages with respect to PGND, positive current flowing into pin.,
T
j = -40°C to +150°C, unless otherwise specified
Pos.
Parameter
Symbol
Values
Unit TC Conditions
min.
typ. max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com