Electronic Components Datasheet Search
  English  ▼

X  

TLE8718SA Datasheet(PDF) 33 Page - Infineon Technologies AG

Part # TLE8718SA
Description  Smart 18-Channel Lowside Switch with Micro Second Bus
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8718SA Datasheet(HTML) 33 Page - Infineon Technologies AG

Back Button TLE8718SA Datasheet HTML 29Page - Infineon Technologies AG TLE8718SA Datasheet HTML 30Page - Infineon Technologies AG TLE8718SA Datasheet HTML 31Page - Infineon Technologies AG TLE8718SA Datasheet HTML 32Page - Infineon Technologies AG TLE8718SA Datasheet HTML 33Page - Infineon Technologies AG TLE8718SA Datasheet HTML 34Page - Infineon Technologies AG TLE8718SA Datasheet HTML 35Page - Infineon Technologies AG TLE8718SA Datasheet HTML 36Page - Infineon Technologies AG TLE8718SA Datasheet HTML 37Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 82 page
background image
TLE 8718 SA
Device Self Protection
Data Sheet
33
Rev. 1.1, 2012-07-31
6.4
Electrical Characteristics
Table 16
Self Protections
4.5V <
V
DD < 5.5V, 4.5V < VBAT < 40V, all voltages with respect to PGND, positive current flowing into pin.,
T
j = -40°C to +150°C, unless otherwise specified
Pos.
Parameter
Symbol
Values
Unit TC Conditions
min.
typ. max.
Self Protection
6.4.1
Self protection temperature threshold
Junction temperature of OUTn
(n=1...18)1)
1) See Chapter 8, Item 8.5.6 Diagnosis, Overtemperature warning diagnosis threshold.
T
OUTn_OTSD
T
OUTn_
OTW+0
–
T
OUTn_
OTW+30
KC
–
6.4.2
Self protection temperature
hysteresis, OUTn (n=1...18)
T
OUTn_
OTSDHYS
–10
–
K
C
–
SVBATT Pin (Battery Voltage Monitoring Pin)
6.4.3
SVBATT Pin Voltage, Battery
Overvoltage Shut Down Threshold
V
SVBATT_
OVSD
29
–
35
V
B
6.4.4
SVBATT Pin Voltage, Battery
Overvoltage Shut Down Hysteresis
V
SVBATT_
HYS
0.25
–
1
V
C
6.4.5
SVBATT Pin internal pull down
current
I
SVBATT_PD
1–
20
µA
C
3V
<V
SVBATT<18V
6.4.6
SVBATT Pin internal pull down
current
I
SVBATT_PDh 20
–
80
µA
C
2)
2)
V
SVBATT=VSVBATT_OVSD during voltage increase, respectively VSVBATT=VSVBATT_OVSD-VSVBATT_HYS during voltage
decrease. See Figure 7.
6.4.7
SVBATT Pin internal pull down
current
I
SVBATT_PD
1
–
500
µA
C
18V
<V
SVBATT<40V
6.4.8
Filter time before Output Stages shut
down in case of
VSVBATT_OVSD is
exceeded
tOUT_OVSD
5–
20
µs
B
–
6.4.9
Filter time before Output Stages
switch on again
tOUT_OVSON 60
–
135
µs
B
–
6.4.10 Factory test mode activation
V
SVBATT_TM
––
-2
V
B
3)
3) Not intended to be used in application. Factory test mode entry condition violates Absolute Maximum Rating Item 4.2.10.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com