Electronic Components Datasheet Search
  English  ▼

X  

DM9008 Datasheet(PDF) 25 Page - List of Unclassifed Manufacturers

Part # DM9008
Description  ISA/Plug & Play Super Ethernet Contoller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9008 Datasheet(HTML) 25 Page - List of Unclassifed Manufacturers

Back Button DM9008 Datasheet HTML 21Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 22Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 23Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 24Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 25Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 26Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 27Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 28Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 29Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 68 page
background image
DM9008
ISA/Plug & Play Super Ethernet Contoller
Final
25
Version :DM9008-DS-F02
June 14, 2000
Current Page Register (CURR)
This register is used internally by the Buffer Management
Logic as a backup register for reception. CURR contains the
address of the first buffer to be used for a packet reception,
and is used to restore DMA pointers in the event of receive
errors. This register is initialized to the same value as
PSTART, and should not be written to again unless the
controller is reset.
7
6
5432
1
0
CURR
A15
A14
A13
A12
A11
A10
A9
A8
Current Local DMA Register 0, 1 (CLDA0, 1)
These two registers can be accessed to determine the current
Local DMA Address.
76
5432
1
0
CLDA
1
A15
A14
A13
A12
A11
A10
A9
A8
7
6
5432
1
0
CLDA
0
A7
A6
A5
A4
A3
A2
A1
A0
(iii) Remote DMA Registers
Remote Start Address Registers (RSAR0, 1)
Remote Byte Count Registers (RBCR0, 1)
Remote DMA operations are programmed via the Remote
Start Address (RSAR0, 1) and Remote Byte Count registers
(RBCR0, 1). The Remote Start Address is used to point to the
start of the block of data to be transferred. The Remote Byte
Count is used to indicate the length of the block (in bytes).
7654
32
1
0
RSAR1
A15
A14
A13
A12
A11
A10
A9
A8
76
5432
1
0
RSAR0
A7A6
A5A4A3A2
A1
A0
76
54321
0
RBCR1
BC15
BC14
BC13
BC12
BC11
BC10
BC9
BC8
³
76
5432
1
0
RBCR0
BC7
BC6
BC5
BC4
BC3
BC2
BC1
BC0
Current Remote DMA Address Registers (CRDA0, 1)
The Current Remote DMA Registers contain the current
address of the Remote DMA. The bit assignments are
shown below:
765
432
1
0
CRDA1
A15
A14
A13
A12
A11
A10
A9
A8
765
4321
0
CRDA0
A7
A6
A5
A4
A3
A2
A1
A0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com