Electronic Components Datasheet Search
  English  ▼

X  

DM9008 Datasheet(PDF) 44 Page - List of Unclassifed Manufacturers

Part # DM9008
Description  ISA/Plug & Play Super Ethernet Contoller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9008 Datasheet(HTML) 44 Page - List of Unclassifed Manufacturers

Back Button DM9008 Datasheet HTML 40Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 41Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 42Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 43Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 44Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 45Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 46Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 47Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 48Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 68 page
background image
DM9008
ISA/Plug & Play Super Ethernet Contoller
44
Final
Version :DM9008-DS-F02
June 14, 2000
Restrictions During Loopback
The FIFO is split into two halves. The first half is used for
transmission, the second for reception. Because only 8-bit
fields can be fetched from memory, two tests are required for
16-bit systems to verify the integrity of the entire data path.
Only the last 8 bytes of the loopback packet are retained in the
FIFO. These 8 bytes can be read through the FIFO register,
which will advance through the FIFO to allow the receive
packet to be read sequentially.
When DM9008 is in word-wide mode with Byte Order Select
set, the loopback packet must be assembled in the even byte
locations, as shown below. (The loopback only operates with
byte wide transfers.)
LS BYTE
MS BYTE
DESTINATION
SOURCE
LENGTH
DATA
CRC
WTS = 1 BOS=1 in DCR
When the device is in word-wide mode with Byte Order Select
low, the following format must be used for loopback.
LS BYTE
MS BYTE
DESTINATION
SOURCE
LENGTH
DATA
CRC
WTS = 1 BOS=0 in DCR
Note: When loopback is used in word mode, 2n bytes
must be programmed in TBCRO, 1, where n=actual
number
of
bytes
assembled
in
even
or
odd
locations.
To initiate a loopback, the user first assembles the loopback
packet, then selects the type of loopback using TCR bits LB0,
LB1. TCR must also be set to enable or disable CRC
generation during transmission. The user then issues a normal
transmit command to send the packet. During loopback, the
receiver checks for an address match. If the CRC bit in the
TCR is set, the receiver will also check the CRC. The last 8
bytes of the loopback packet are buffered and can be read out
of the FIFO using the FIFO read port.
Loopback Modes
Mode 1: Loopback through the controller (LB1 = 0, LB0
=1).
If the loopback is through the ENC, the serializer is simply
linked to the deserializer, and the receive clock is derived from
the transmit clock.
Mode 2:Loopback through the ENA (LB1 = 1, LB0 = 0).
Mode 3: Loopback to Coax (LB1 = 1, LB0 =1).
Packets can be transmitted to the co-ax in loopback mode to
check all of the transmit and receive paths, as well as the co-
ax itself.
Note:It is not possible to switch directly between the loopback
modes, necessitating return to normal operation (00H) in order
to change modes.
Reading the Loopback Packet
The last eight bytes of a received packet can be examined by 8
consecutive reads of the FIFO register. The FIFO pointer is
incremented after the rising edge of the PC read strobe by
internally synchronizing and advancing. If the pointer has not
been incremented by the time the PC reads the FIFO register
again, DM9008 will insert wait states.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com