Electronic Components Datasheet Search
  English  ▼

X  

DM9008 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # DM9008
Description  ISA/Plug & Play Super Ethernet Contoller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9008 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  DM9008 Datasheet HTML 1Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 2Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 3Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 4Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 5Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 6Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 7Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 8Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 68 page
background image
DM9008
ISA/Plug & Play Super Ethernet Contoller
4
Final
Version :DM9008-DS-F02
June 14, 2000
DC Electrical Characteristics (continued)
Symbol
Parameter
Min.
Max.
Unit
Conditions
VDS
Differential Squelch Threshold (RX
±
and CD
±)
-175
(Note 5)
-300
mV
VCM
Differential Input Common Mode
Voltage (RX
± and CD±) (Note 5)
05.5
V
Twisted Pair Interface Pins (TPTX+/TPTX-)
Vtidf
TP input voltage
.350
2.0
V
-
Vil
Vih
LI:
low
high
-
2.4
0.8
-
V
V
-
-
Note 1: These levels are tested dynamically using a limited number of functional test patterns. Refer to AC Test Load.
Note 2: The low drive CMOS compatible Voh and Vol limits are not tested directly. Detailed device characterization verifies
that this specification can be guaranteed by testing the high drive TTL compatibl e Vol and Voh specifications.
Note 3: This measurement is made while the DM9008 is undergoing transmission, reception, and collision. The value is
not measured instantaneously, but is averaged over a span of several milliseconds.
Note 4: This measurement is made while the DM9008 is sitting idle of transmission. This measurement is described in note
1.
Note 5: This parameter is guaranteed by design and is not tested.
Note 6: Except RST, IORB, IOWB which are Schmitt trigger with Vil = 1.0V, Vih = 2.8V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com