Electronic Components Datasheet Search
  English  ▼

X  

DM9008 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # DM9008
Description  ISA/Plug & Play Super Ethernet Contoller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9008 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button DM9008 Datasheet HTML 7Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 8Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 9Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 10Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 11Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 12Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 13Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 14Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 68 page
background image
DM9008
ISA/Plug & Play Super Ethernet Contoller
Final
11
Version :DM9008-DS-F02
June 14, 2000
Configuration Register B (CRB)
Configuration Register B can be read at address 0BH in Page 0 of ENC, and can be written by following a read to address 0BH with a
write to address 0BH. If a write to address 0BH is performed without a previous read to 0BH, it will be regarded as a write to register
RBCR1 of ENC.
765
432
1
0
--
--
BUSERR
CHRDY
--
GDLINK
PHYS1
PHYS0
Bit
Symbol
Description
0, 1
PHYS0
PHYS1
Physical Media Interfaces: These two bits determine which type of physical interface the
DM9008 is using, as shown below:
bit1
bit0
Interface
0
0
Set to 10BASE-T; BNCEN = low
0
1
Set to 10BASE2; BNCEN = high
1
0
Set to 10BASE5; BNCEN = low
1
1
Auto-detection media
2
GDLINK
Read: Link status. One indicates Link OK; zero indicates Link Fail
3
--
Reserved
4
CHRDY
IOCHRDY from IOR or IOW or from BALE: When low, DM9008 will pull IOCHRDY low after
the command strobe. If high, IOCHRDY will be pulled low after BALE goes high
5
BUSERR
Bus Error: This bit shows that DM9008 has detected an ISA bus error. This bit will be high if
DM9008 inserts wait states into a system access and the system terminates the cycle without
inserting wait states
6
--
Reserved
7
--
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com