Electronic Components Datasheet Search
  English  ▼

X  

DM9008 Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # DM9008
Description  ISA/Plug & Play Super Ethernet Contoller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9008 Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button DM9008 Datasheet HTML 23Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 24Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 25Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 26Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 27Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 28Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 29Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 30Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 31Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 68 page
background image
DM9008
ISA/Plug & Play Super Ethernet Contoller
Final
27
Version :DM9008-DS-F02
June 14, 2000
Card Control Registers
Index
Name
Type
Definition
00H
Set RD_DATA port
W
The location of the READ_DATA port is determined by
writing to this register. Bits[7:0] become ISA I/O read port
address bits[9:2]. Address bits[1:0] of the READ_DATA port
are always1
01H
Serial Isolation
R
A read to this register causes a PnP card in the Isolation state
to compare one bit of the card's serial ID. This process is
described in more detail on page 34
02H
Config Control
W
Bit[0] - Reset command
Setting this bit will reset all logical devices and restore
configuration registers to their power-up values
The CSN is preserved
Bit[1] - Wait for Key command
Setting this bit makes the PnP card return to the Wait for
Key state. The CSN is preserved
Bit[2] - PnP Reset CSN command
Setting this bit will reset the card's CSN to 0
Note that the hardware will automatically clear the bits
without any need for software to clear them
03H
Wake[CSN]
W
A write to this register will cause all cards that have a CSN
that matches the write data[7:0] to go from the Sleep state to
either the 1) Isolation state if the write data for this command
is zero, or 2) Config state if the write data is not zero
04H
Resource Data
R
A read from this register reads the next byte of resource data.
The Status register must be polled until bit[0] is set before this
register may be read
05H
Status
R
Bit[0], when set, indicates it is O.K. to read the next data byte
from the Resource Data register
06H
Card Select Numbe
(CSN)
R/W
A write to this register sets a card's CSN. The CSN's value is
uniquely assigned to each ISA PnP card after the serial
identification process so that each card may be individually
selected during a Wake[CSN] command
07H
Logical Device
R
00H (Only one logical device in DM9008)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com