Electronic Components Datasheet Search
  English  ▼

X  

DM9008 Datasheet(PDF) 48 Page - List of Unclassifed Manufacturers

Part # DM9008
Description  ISA/Plug & Play Super Ethernet Contoller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9008 Datasheet(HTML) 48 Page - List of Unclassifed Manufacturers

Back Button DM9008 Datasheet HTML 44Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 45Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 46Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 47Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 48Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 49Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 50Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 51Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 52Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 68 page
background image
DM9008
ISA/Plug & Play Super Ethernet Contoller
48
Final
Version :DM9008-DS-F02
June 14, 2000
Link Integrity Function
In the absence of receive traffic, the twisted-pair receiver on
the chip can detect periodic link-integrity pulses. A link-integrity
pulse is a 100ns high signal with pre-distortion followed by a
return to idle. The chip provides a link-integrit reception
window, during which a link pulse is expected in the absence of
receive traffic. The link-integrity window nominally opens
6.5ms after the receipt of either a link-integrity pulse or the end
of a data frame. The window closes nominally 104ms after the
receipt of either a link-integrity pulse or the end of a data frame.
If a link pulse is received before the link-integrity reception
window opens, it is ignored. If no link-integrity pulse is received
while the link-integrity reception window is open, a link failure
occurs. The chip's transmit, loopback, and receive functions
are disabled. If a link-integrity pulse or receive traffic is
received while the link-integrity reception window is open, the
timers involved are reset. Once the TPMAU has detected a link
failure, one of two events must occur before TPMAU re-
enables transmission and reception of data:
1) Reception of two consecutive link-integrity pulses that
both fall within the link-integrity reception window and
are separated by at least a nominal 6.5ms.
2) Reception of a data packet from the twisted pair. With
either of these events, TPMAU enters a wait state and
continues to disable loopback, transmit and receive
functions.
This continues until TPMAU determines that there is no traffic
going in either the transmit or receive direction, at which time it
enters the idle state. TPMAU also transmits link-integrity
pulses to the transmit twisted-pair link. In the absence of
transmission traffic, a link-integrity pulse is transmitted at a
nominal rate of once per 16ms. Link-integrity pulses continue
to be transmitted when part of the chip is jabbed by the
watchdog timer, or when there is link-integrity failure.
Auto-Polarity Detection and Correction Functions
TPMAU can determine if the twisted-pair receiver has been
wired with polarity reversal. If so, TPMAU automatically
corrects for this error condition when the correction function is
enabled. When enabled and in the normal state, TPMAU
activates this function to determine if the receive wires are
reversed. TPMAU examines either an IDL pulse at the end of
each receive packet or a link pulse when the link integrity
function is enabled. It uses this information to sense the
polarity. If TPMAU determines that the incoming IDL pulse is of
the proper polarity, it remains in the normal state. If TPMAU
detects two consecutive reverse IDL pulses or four reverse link
pulses, it enters the reverse state. If TPMAU determines that
the polarity of the link is reversed, it internally corrects for the
polarity, ensuring that all subsequent packets sent to the AUI
have the correct polarity.
Automatic AUI and RJ45 Connector Selection
Functions
The chip provides the designer of a 10BASE-T Ethernet
interface card the ability to design a card without having to
provide a switch or jumper array that alternates between the
AUI and twisted-pair connections. The TPMAU provides
automatic
changeover
whenever
the
external
cable
connection is changed.
Power-Down Mode Function
The power-down
function is ideal for embedded laptop
computer applications. In power-down mode, i.e., when
TPMAU is not selected, it pulls within 10
µA. When the device
is reactivated from power-down mode, normal transceiver
operation will resume after the 3.2ms calibration sequence is
completed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com