Electronic Components Datasheet Search
  English  ▼

X  

DM9008 Datasheet(PDF) 34 Page - List of Unclassifed Manufacturers

Part # DM9008
Description  ISA/Plug & Play Super Ethernet Contoller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9008 Datasheet(HTML) 34 Page - List of Unclassifed Manufacturers

Back Button DM9008 Datasheet HTML 30Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 31Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 32Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 33Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 34Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 35Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 36Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 37Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 38Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 68 page
background image
DM9008
ISA/Plug & Play Super Ethernet Contoller
34
Final
Version :DM9008-DS-F02
June 14, 2000
Reading Resource Data
Each PnP card supports a resource data structure stored in a
non-volatile device (e.g. 9346) that describes the resources
requested by
the card. The Plug and Play resource
management software will arbitrate resources and set up the
logical device configuration registers according to the resource
data.
Card resource data may only be read from cards in the Config
state. A card may get to the Config state by one of two different
methods:.1) A card enters the Config state in response to the
card "winning" the serial isolation protocol and having a CSN
assigned, or 2) the card receives a Wake[CSN] command that
matches the card's CSN.
As described above, all Plug and Play cards function as if their
serial identifier and their resource data both come from the
same serial device. As also stated above, the pointer to the
serial device is reset in response to any Wake[CSN]
command. This implies that if a card enters the Config state
directly from sleep state in response to a Wake[CSN]
command, the 9-byte serial identifier must first be read before
the card resource data is accessed. The Vendor ID and Unique
Serial Number are valid; however, the checksum byte, when
read in this way, is not valid. For a card that enters the Config
state from the isolation state, the first read of the resource Data
register will return resource data.
Card resource data is read by first polling the Status register
and waiting for bit[0] to be set. When this bit is set, one byte of
resource data is ready to be read from the Resource data
register. After the Resource Data register is read, the Status
register must be polled before reading the next byte of
resource data. This process is repeated until all resource data
is read.
The above operation implies that the hardware is responsible
for accumulating 8 bits of data in the Resource Data register.
When this operation is complete, the status bit[0] is set. When
a read is performed on the Resource Data register, status bit[0]
is cleared, eight more bits are shifted into the Resource Data
register, and
the status bit[0] is set again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com