Electronic Components Datasheet Search
  English  ▼

X  

DM9008 Datasheet(PDF) 45 Page - List of Unclassifed Manufacturers

Part # DM9008
Description  ISA/Plug & Play Super Ethernet Contoller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9008 Datasheet(HTML) 45 Page - List of Unclassifed Manufacturers

Back Button DM9008 Datasheet HTML 41Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 42Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 43Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 44Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 45Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 46Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 47Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 48Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 49Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 68 page
background image
DM9008
ISA/Plug & Play Super Ethernet Contoller
Final
45
Version :DM9008-DS-F02
June 14, 2000
Alignment of the Received Packet in the FIFO
Reception of the packet in the FIFO begins at location zero.
After the FIFO pointer reaches the last location in the FIFO, the
pointer wraps to the top of the FIFO, overwriting the previously
received data. This process continues until the last byte is
received. The ENC then appends the received byte count in
the next two locations of the FIFO. The value of the next FIFO
location is 0. The number of bytes used in the loopback packet
determines the alignment of the packet in the FIFO. The
alignment for a 64-byte packet is shown below.
FIFO LOCATION
FIFO CONTENTS
0
LOWER BYTE COUNT
1
UPPER BYTE COUNT
20
3
LAST BYTE
4
CRC1
5
CRC2
6
CRC3
7
CRC4
For the following alignment in the FIFO, the packet length
should be (N x 8) + 5 bytes. Note that if the CRC bit in TCR is
set, CRC will not be appended by the transmitter. If CRC is
appended by the transmitter, the last four bytes, bytes N-3 to
N, will correspond to the CRC.
FIFO LOCATIONFIFO CONTENTS
0
BYTE N-4
1
BYTE N-3 (CRC1)
2
BYTE N-3 (CRC2)
3
BYTE N-3 (CRC3)
4
BYTE N (CRC4)
5
LOWER BYTE COUNT
6
UPPER BYTE COUNT
70
Bus Arbitration and Timing
DM9008 powers up as a bus slave in the Reset state, in which
the receiver and transmitter are both disabled. The reset state
can be reentered under three conditions: soft reset (Stop
Command) hard reset (RST input or PC RESET por
command), or an error that shuts down the receiver or
transmitter (FIFO underflow or overflow, receive buffer ring
overflow). After initialization of registers, DM9008 is issued a
Start Command, causing it to enter idle state. Until the DMA is
required, DM9008 remains idle. Idle state is exited by a
request from FIFO in the case of a receive, transmit or a
request from the remote DMA in the case of a remote DMA
operation.
After the remote or local DMA transfer is completed, DM9008
again enters the idle state.
FIFO Burst Control
All local DMA transfers are burst transfers. Once the DMA is
activated, it will transfer an exact burst of bytes programmed in
the DCR. If there are remaining bytes in the FIFO, the next
burst will not be initiated until the FIFO threshold is exceeded.
Interleaved Local Operation
If a remote DMA transfer is initiated or in progress when a
packet is being received or transmitted, the remote DMA
transfer will be interrupted for higher priority local DMA
transfers. When the local DMA transfer is completed, the
remote DMA will rearbitrate for the bus and continue its
transfers. Note that if the FIFO requires service while a remote
DMA is in progress, the local DMA burst is appended to the
remote transfer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com