Electronic Components Datasheet Search
  English  ▼

X  

DM9008 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # DM9008
Description  ISA/Plug & Play Super Ethernet Contoller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9008 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button DM9008 Datasheet HTML 2Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 3Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 4Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 5Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 6Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 7Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 8Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 9Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 68 page
background image
DM9008
ISA/Plug & Play Super Ethernet Contoller
6
Final
Version :DM9008-DS-F02
June 14, 2000
6
8
10
34
94 - 92
91
IRQ3
IRQ4
IRQ5
IRQ9
IRQ10-12
IRQ15
O, Z
INTERRUPT REQUESTS: These are 8 interrupt request pins. Only
one pin, which is decoded from Configuration Register A, can be
activated; the other pins are left floating. The activated pin will go
high when an interrupt request is generated from the ENC module of
the DM9008
MEMORY INTERFACE PINS
79
EECS
O
EEPROM CHIP SELECT: This signal goes high when the EEPROM
is selected by the DM9008
80
BPCS
O
BOOT ROM CHIP SELECT: This signal goes low when the PC
reads the boot ROM data
64 - 71
(64)
(65)
(66)
(66)
(69)
(70)
MD0 - MD7
(EEDI)
(EEDO)
(EECK)
(LEDSW)
(BNCSW)
(SLOT)
I/O, Z
MEMORY DATA BUS: These are the memory data signals for the
boot ROM
When the EEPROM is loaded or written, MD0, 1, 2 are used as the
EEPROM signals
* EEPROM DATA IN: This pin is used as the serial input data
signal from the EEPROM
* EEPROM DATA OUT: This pin is used as the serial output data
signal to the EEPROM
* EEPROM CLOCK: This pin is used as the EEPROM clock signal
These memory data pins can also be used as switches when the
DM9008 is in reset state. There is an approximately 100K pull-low
resistor on each pin, and a 10K pull-high resistor can be connected
to a pin when it is switched to logic high
LED mode switch: see page 67 for details.
* When this pin pulled high upon reset, pin 54 outputs 312.5KHz
* SLOT SELECTION: When this pin is pulled to high, the DM9008 is
in NE2000 16-bit mode
63 - 56
PA0 - PA7
O
BOOT ROM PAGE ADDRESS. When the boot ROM is accessed,
PA0-PA7 are used as the page address of the boot ROM
NETWORK INTERFACE PINS
37
38
TX-
TX+
O
TRANSMIT OUTPUT: Differential line driver which sends the
encoded data to the transceiver. The outputs are source followers
which require 270 ohm pull-down resistors
54
BNCEN
O
BNC OUTPUT ENABLE: This pin goes high if the value of the
Configuration Register B bit 1 is low and bit 0 is high. Typically, this
pin is used to control the DC-DC converter to enable or disable the
UM9092A (Coaxial Transceiver Interface)
* Output 312.5KHz clock: when the 69 pin (BNCSW) is pulled high,
this pin output 312.5KHz clock
78
X1
O
CRYSTAL FEEDBACK OUTPUT: Used in crystal connection only.
Connect to ground when using an external clock
77
X2
I
CRYSTAL or EXTERNAL CLOCK INPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com